Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1057AI Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOZ1057AI
Description  EZBuck??3A Simple Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1057AI Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOZ1057AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1057AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev. 1.3 November 2009
www.aosmd.com
Page 1 of 15
AOZ1057
EZBuck™ 3A Simple Buck Regulator
General Description
The AOZ1057 is a high efficiency, simple to use, 3A buck
regulator. The AOZ1057 works from a 4.5V to 16V input
voltage range, and provides up to 3A of continuous
output current with an output voltage adjustable down
to 0.8V.
The AOZ1057 comes in an SO-8 package and is rated
over a -40°C to +85°C ambient temperature range.
Features
4.5V to 16V operating input voltage range
40mΩ internal PFET switch for high efficiency:
up to 95%
Externally soft start
Output voltage adjustable to 0.8V
3A continuous output current
Fixed 340kHz PWM operation
Cycle-by-cycle current limit
Short-circuit protection
Output over voltage protection
Thermal shutdown
Small size SO-8 package
Applications
Point of load DC/DC conversion
PCIe graphics cards
Set top boxes
DVD drives and HDD
LCD panels
Cable modems
Telecom/networking/datacom equipment
Typical Application
Figure 1. 3.3V/3A Buck Regulator
LX
VIN
Css
82nF
SS
VOUT
3.3V
FB
PGND
EN
U1
COMP
AGND
C1
22µF Ceramic
C2, C3
22µF Ceramic
C5
R1
R2
D1
RC
CC
L1
6.8µH
VIN
AOZ1057


Similar Part No. - AOZ1057AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1050PI AOSMD-AOZ1050PI Datasheet
607Kb / 14P
   EZBuck??2 A Synchronous Buck Regulator
AOZ1051PI AOSMD-AOZ1051PI Datasheet
635Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ1052PI AOSMD-AOZ1052PI Datasheet
696Kb / 14P
   EZBuck??4A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
More results

Similar Description - AOZ1057AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212 AOSMD-AOZ1212 Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212DI AOSMD-AOZ1212DI Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1092DI AOSMD-AOZ1092DI Datasheet
518Kb / 16P
   EZBuck??3A Simple Buck Regulator
AOZ1212AI AOSMD-AOZ1212AI Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1012D AOSMD-AOZ1012D Datasheet
795Kb / 17P
   EZBuck??3A Simple Buck Regulator
AOZ1013 AOSMD-AOZ1013 Datasheet
570Kb / 16P
   EZBuck TM 3A Simple Buck Regulator
AOZ1017DI AOSMD-AOZ1017DI Datasheet
517Kb / 16P
   EZBuck??3A Simple Regulator
AOZ1013AI AOSMD-AOZ1013AI_09 Datasheet
393Kb / 14P
   EZBuck??3A Simple Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com