Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1094DI Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOZ1094DI
Description  EZBuck??5A Simple Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1094DI Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

Back Button AOZ1094DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1094DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1094DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1094DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1094DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1094DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1094DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1094DI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1094DI Datasheet HTML 10Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AOZ1094
Rev. 1.3 October 2010
www.aosmd.com
Page 6 of 19
Typical Performance Characteristics (Continued)
Circuit of Figure 1. TA = 25°C, VIN = VEN = 12V, VOUT = 3.3V unless otherwise specified.
Full Load Turn Off
Light Load Turn Off
Short Circuit Protection
Short Circuit Recovery
2ms/div
2ms/div
100s/div
1ms/div
Vout
2V/div
IL
2A/div
Vout
2V/div
IL
2A/div
Vin
5V/div
Vout
2V/div
Iin
2A/div
Vin
5V/div
Vout
2V/div
Iin
2A/div
AOZ1094 Efficiency
Efficiency (VIN = 12V) vs. Load Current
50
60
70
80
90
1.8V OUTPUT
3.3V OUTPUT
5V OUTPUT
100
0
0.5
1
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Load Current (A)


Similar Part No. - AOZ1094DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1094AI AOSMD-AOZ1094AI Datasheet
813Kb / 19P
   EZBuck??5A Simple Buck Regulator
More results

Similar Description - AOZ1094DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1094AI AOSMD-AOZ1094AI Datasheet
813Kb / 19P
   EZBuck??5A Simple Buck Regulator
AOZ1014DI AOSMD-AOZ1014DI_09 Datasheet
533Kb / 19P
   EZBuck??5A Simple Buck Regulator
AOZ1014AI AOSMD-AOZ1014AI_09 Datasheet
533Kb / 19P
   EZBuck??5A Simple Buck Regulator
AOZ1014 AOSMD-AOZ1014 Datasheet
1Mb / 21P
   EZBuck TM 5A Simple Buck Regulator
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ1037 AOSMD-AOZ1037 Datasheet
588Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com