Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1212AI Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOZ1212AI
Description  EZBuck??3A Simple Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1212AI Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

Back Button AOZ1212AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1212AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1212AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1212AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1212AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1212AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1212AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1212AI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1212AI Datasheet HTML 10Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AOZ1212
Rev. 1.7 November 2010
www.aosmd.com
Page 6 of 18
Efficiency Curves
Efficiency
VIN = 5V
75
80
85
90
95
1.8V OUTPUT
5.0V OUTPUT
5.0V OUTPUT
3.3V OUTPUT
3.3V OUTPUT
8.0V OUTPUT
8.0V OUTPUT
3.3V OUTPUT
100
0.2
0.5
0.8
1.1
1.4
1.7
2.0
2.3
2.6
2.9
3.2
0.2
0.5
0.8
1.1
1.4
1.7
2.0
2.3
2.6
2.9
3.2
0.2
0.5
0.8
1.1
1.4
1.7
2.0
2.3
2.6
2.9
3.2
Current (A)
Efficiency
VIN = 12V
75
80
85
90
95
100
Current (A)
Efficiency
VIN = 24V
75
80
85
90
95
100
Current (A)


Similar Part No. - AOZ1212AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1212 AOSMD-AOZ1212 Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212DI AOSMD-AOZ1212DI Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
More results

Similar Description - AOZ1212AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212 AOSMD-AOZ1212 Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212DI AOSMD-AOZ1212DI Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
   EZBuck??3A Simple Buck Regulator
AOZ1092DI AOSMD-AOZ1092DI Datasheet
518Kb / 16P
   EZBuck??3A Simple Buck Regulator
AOZ1012D AOSMD-AOZ1012D Datasheet
795Kb / 17P
   EZBuck??3A Simple Buck Regulator
AOZ1013 AOSMD-AOZ1013 Datasheet
570Kb / 16P
   EZBuck TM 3A Simple Buck Regulator
AOZ1017DI AOSMD-AOZ1017DI Datasheet
517Kb / 16P
   EZBuck??3A Simple Regulator
AOZ1013AI AOSMD-AOZ1013AI_09 Datasheet
393Kb / 14P
   EZBuck??3A Simple Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com