Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVY5P201S2KV5B1 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # HVY5P201S2KV5B1
Description  High Voltage Ceramic Capacitors 500V-4KV
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

HVY5P201S2KV5B1 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  HVY5P201S2KV5B1 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION HVY5P201S2KV5B1 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION HVY5P201S2KV5B1 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MERITEK
High Voltage Ceramic
Capacitors 500V-4KV
HV Series
SPECIFICATIONS
Operating
Temperature
SL and Y5P: -30
oC to +85oC
Z5U and Z5V: +10
oC to +85oC
Temperature
Characteristic
SL: P350 to N1000
Y5P: ±10%
Z5U: +22/-56%
Z5V: +22/-82%
Capacitance
SL: Measured at 1 ±0.1MHz, 1Vrms max. at 25
oC
Y5P, Z5U and Z5V: Measured at 1 ±0.1KHz, 1Vrms max.
at 25
oC
Rated voltage
500VDC to 4000VDC
Quality and
dissipation factor
SL: <30pF >400 + 20
oC min., =30pF >1000
Y5P and Z5U: 2.5% max. Z5V: 5.0% max.
Tested voltage
500V: 250% rated voltage
1000V to 4000V: 150% rated voltage
Insulation resistance
10,000 Mega ohms min. at 500VDC 60 sec. charging
Coating material
500V to 2000V phenolic or epoxy resin coating
= 3000V epoxy resin (94V-0)
PART NUMBERING SYSTEM
HV
Y5P
471
K
2KV
6
B
1
High voltage series
Temperature characteristics
Capacitance
CODE
1R5
330
201
202
333
104
1.5pF
33pF
200pF
2000pF
.033
μF
0.1
μF
Capacitance tolerance
CODE
Tolerance
Applicable T.C.
Available Capacitances
C
±0.25pF
NPO-N750
0.5pF-5pF
D
±0.5pF
NPO-N750
0.5pF-10pF
J
±5%
NPO-N1500
Over 5pF
K
±10%
NPO-N1500, Y5E, Y5P
Over 10pF
M
±20%
NPO-N1500, Y5E, Y5P, Z5U
Over 10pF
S
+50/-20%
Z5U
Over 1000pF
Z
+80/-20%
Z5U, Z5V
Over 1000pF
P
+100/-0%
Z5U, Z5V
Over 1000pF
Rated voltage
Lead spacing
CODE
5
6
7
9
5.08mm
6.35mm
7.62mm
9.52mm
Packaging code
CODE
B
R
F
Bulk
Tape & Reel
Tape & Ammo (Flat)
Lead type
Complete Durez
1 Coverage Leads
D
P
25.4
(1.00")
m
ax.
F
Exposed Disc and
2 Cut Leads
D
P
4.75
0.75
(0.19 .03")
F
Complete Durez
3 Coverage and Cut Leads
D
P
4.75
0.75
F
Leads
Inside Kink
4 and Cut Leads
D
P
4.75
0.75
F
1
(.04")
min.
Outward Kink
5 and Cut Leads
D
P
4.75
0.75
F
2
(.08")
max.
(0.19
.03")
(0.19
.03")
(0.19
.03")
Style 1,2 and 3
500V
P=2.0(.078")max
F:
0.8(.03")
1000V 4000V
P=3.0(.118")max
F:
1.5(.06")
Style 4 and 5
500V
P=4.0(.16")max
F:
0.8(.03")
1000V 4000V
P=5.0(.197")max
F:
1.5(.06")
Specifications are subject to change without notice.
rev.6b


Similar Part No. - HVY5P201S2KV5B1

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HVY-16V271MG10-R2 TAIYO-YUDEN-HVY-16V271MG10-R2 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVY]
HVY-16V271MG10N-R2 TAIYO-YUDEN-HVY-16V271MG10N-R2 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVY] For Automotive Body & Chassis and Infotainment
HVY-16V271MG10Q-R2 TAIYO-YUDEN-HVY-16V271MG10Q-R2 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVY] For Automotive Powertrain and Safety
HVY-16V471MH10-R2 TAIYO-YUDEN-HVY-16V471MH10-R2 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVY]
HVY-16V471MH10N-R2 TAIYO-YUDEN-HVY-16V471MH10N-R2 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVY] For Automotive Body & Chassis and Infotainment
More results

Similar Description - HVY5P201S2KV5B1

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
HV MERITEK-HV Datasheet
155Kb / 3P
   High Voltage Ceramic Capacitors 500V-4KV
logo
GETAI ELECTRONICS DEVIC...
2CL69 GETEDZ-2CL69_16 Datasheet
68Kb / 1P
   5mA 4kV HIGH VOLTAGE DIODES
2CL69 GETEDZ-2CL69 Datasheet
68Kb / 5P
   5mA 4kV HIGH VOLTAGE DIODES
logo
Cynergy3 Co
S1-0504DM CYNERGY3-S1-0504DM Datasheet
514Kb / 1P
   4kV Isolation Voltage across contacts
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com