Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR103J2D471 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MCR103J2D471
Description  RC Network (Snubber Capacitor)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MCR103J2D471 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MCR103J2D471 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MCR Series
(Box type)
FEATURES
Ideal for arc and noise suppression applications
Self-healing properties
Flame retardant plastic case and epoxy resin
(In compliance with UL94V-0)
High moisture resistance
UL file No. E224752
SPECIFICATIONS
1. Operating temperature:
-40
oC to +85oC
2.
Capacitance range:
0.1
μF to 1.0μF
3.
Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
200VDC, 400VDC, 630VDC
5.
Dissipation factor:
1.0% max. (1KHz)
6.
Insulation resistance
Ω
0.33
μF
>5,000M
C<
Ω
0.33
μF
2,000M
C >
PART NUMBERING SYSTEM
471
474
K
2D
Meritek Series
Capacitance
CODE
103
104
105
106
( pF )
10,000
100,000
( nF )
10
100
1000
(
μF )
0.01
0.1
1
10
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
CODE
2
D
2G
2J
2
00V
400V
630V
MCR are constructed with metallized
polyester film capacitor in series with resistor,
with epoxy resin sealing in flame retardant plastic
case
for
noise
suppresion
during
switching
operations of eqipments.
K
MCR
R
esistance
RC Network (Snubber Capacitor)
CIRCUIT DIAGRAM
Dimensions
MERITEK
CR
uF
ohm
W
H
T
P
d
P/N
Dimensions
MCR474K2D471
0.47
470
14
24
10
7.5
(A)
(B)
(B)
UL No. E224752
Specifications are subject to change without notice.
rev.6


Similar Part No. - MCR103J2D471

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR103 MOTOROLA-MCR103 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
logo
Digitron Semiconductors
MCR103 DIGITRON-MCR103 Datasheet
136Kb / 2P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
MCR103 NJSEMI-MCR103 Datasheet
90Kb / 2P
   Silicon Controlled Rectifiers
More results

Similar Description - MCR103J2D471

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
504M02QA100 CDE-504M02QA100 Datasheet
193Kb / 1P
   Arc Suppressor/Snubber Network Radial Metallized Polyester RC Network for Transient Suppression
logo
Okaya Electric America,...
VE155-A OKAYA-VE155-A_14 Datasheet
223Kb / 1P
   SNUBBER CAPACITOR
AFV OKAYA-AFV Datasheet
333Kb / 1P
   SNUBBER CAPACITOR
CF99MPP474 OKAYA-CF99MPP474 Datasheet
309Kb / 1P
   SNUBBER CAPACITOR
logo
CTS Corporation
RC3001B6 CTS-RC3001B6 Datasheet
147Kb / 2P
   Integrated Resistor and Capacitor Network RC Series 3000
logo
STMicroelectronics
AN437 STMICROELECTRONICS-AN437 Datasheet
593Kb / 18P
   RC snubber circuit design for TRIACs
logo
Cornell Dubilier Electr...
SCT474K601A3B25-F CDE-SCT474K601A3B25-F Datasheet
417Kb / 3P
   Snubber Film Capacitor
SCD474K601A3Z25-F CDE-SCD474K601A3Z25-F Datasheet
297Kb / 2P
   IGBT Snubber Capacitor Modules
logo
Bourns Electronic Solut...
4120R-601-101 BOURNS-4120R-601-101 Datasheet
231Kb / 2P
   RC Network T-Filters
4120R-601-RC BOURNS-4120R-601-RC_14 Datasheet
231Kb / 2P
   RC Network T-Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com