Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEY472J250VAC Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MEY472J250VAC
Description  EMI Suppression Capacitor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MEY472J250VAC Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MEY472J250VAC Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MERITEK
EMI Suppression Capacitor
MEY Series
Class -Y2/275Vac/250Vac
FEATURES
Non-inductive construction
Self-healing properties
Flame-retardant plastic case and epoxy resin
(In compliance with UL 94V-0)
High moisture resistance
Good solderability
SPECIFICATIONS
1. Operating Temperature:
-40oC to +85oC
3. Capacitance Tolerance:
±5% (J), ±10% (K), ±20% (M)
4. Rated Voltage:
275Vac/250Vac, 50/60Hz
5. Dissipation Factor:
1.0% max. (1KHz, 25oC)
6. Insulation Resistance:
I.R. 15,000M
(At 25oC 100VDC/1 minute)
7. Testing Voltage:
Terminal-Terminal - 1500VAC/60 seconds
Terminal-Body - 2000VAC/60 seconds
PART NUMBERING SYSTEM
MEY
472
K
250VAC
Meritek Series
Capacitance (expressed in
picofarads)
First two digits are significant figures.
Third digit denotes number of zeros.
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
MEY capacitors are constructed with
metallized
film
dielectric , tinned
copper leads, plastic casing, and epoxy
resin
for
sealing.
They
provide
interference suppression, with the safety
approval of the Underwriters' Laboratories.
CAPACITANCE
275Vac/250Vac
CAPACITANCE
275Vac/250Vac
Part No
Cap
W
H
T
P
d
Part No
Cap
W
H
T
P
d
MEY102
0.001
13.0
11.0
5.0
10.0
0.6
MEY822
0.0082
18.0
13.5
7.5
15.0
0.8
MEY122
0.0012
13.0
11.0
5.0
10.0
0.6
MEY103
0.01
18.0
13.5
7.5
15.0
0.8
MEY152
0.0015
13.0
11.0
5.0
10.0
0.6
MEY123
0.012
18.0
13.5
7.5
15.0
0.8
MEY182
0.0018
13.0
11.0
5.0
10.0
0.6
MEY153
0.015
18.0
14.5
8.5
15.0
0.8
MEY222
0.0022
13.0
11.0
5.0
10.0
0.6
MEY183
0.018
26.5
15.0
6.0
22.5
0.8
MEY272
0.0027
13.0
11.0
5.0
10.0
0.6
MEY223
0.022
26.5
15.0
6.0
22.5
0.8
MEY332
0.0033
13.0
12.0
6.0
10.0
0.6
MEY273
0.027
26.5
16.0
7.0
22.5
0.8
MEY392
0.0039
13.0
12.0
6.0
10.0
0.6
MEY333
0.033
26.5
16.0
7.0
22.5
0.8
MEY472
0.0047
13.0
12.0
6.0
10.0
0.6
MEY393
0.039
26.5
17.5
8.5
22.5
0.8
MEY562
0.0056
18.0
12.0
6.0
15.0
0.8
MEY473
0.047
26.5
19.0
10
22.5
0.8
2. Capacitance range:
0.001
μF to 0.047μF
Ω
UL E197475 VDE 40017825
Specifications are subject to change without notice.
rev.6a


Similar Description - MEY472J250VAC

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MEX MERITEK-MEX Datasheet
171Kb / 1P
   EMI Suppression Capacitor
logo
AVX Corporation
MV1018J104MAA1 AVX-MV1018J104MAA1 Datasheet
106Kb / 2P
   Varistor/Capacitor Combination for EMI/Surge Suppression
logo
Vishay Siliconix
20VL VISHAY-20VL Datasheet
143Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X2, 400 VAC
01-Jan-2022
logo
Okaya Electric America,...
REB473 OKAYA-REB473 Datasheet
307Kb / 1P
   NOISE SUPPRESSION CAPACITOR
LE103 OKAYA-LE103 Datasheet
334Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XE102-Z OKAYA-XE102-Z Datasheet
446Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PAB103 OKAYA-PAB103 Datasheet
272Kb / 1P
   NOISE SUPPRESSION CAPACITOR
YE102 OKAYA-YE102 Datasheet
322Kb / 1P
   NOISE SUPPRESSION CAPACITOR
logo
NIC-Components Corp.
NPX NIC-NPX Datasheet
100Kb / 4P
   Interference Suppression Capacitor
logo
Okaya Electric America,...
XYE-473472AN OKAYA-XYE-473472AN Datasheet
501Kb / 2P
   NOISE SUPPRESSION CAPACITOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com