Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEX103K275VAC Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MEX103K275VAC
Description  EMI Suppression Capacitor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MEX103K275VAC Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MEX103K275VAC Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MERITEK
EMI Suppression Capacitor
MEX Series
Class-X1/300Vac/275Vac
FEATURES
10mm to 27.5mm lead pitch
Self-healing properties
High moisture resistance
Over-voltage stress withstanding
UL/CSA and European safety regulations class X
1 (meet EN132400
1994/IEC384-14 2nd 1993)
Flame retardant plastic case and epoxy resin (UL 94V -0)
SPECIFICATIONS
1.
Operating temperature:
-40
oC to +100oC
2.
Capacitance range:
0.001
μF to 2.2μF
3.
Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
300Vac/
275 Vac, 50/60Hz
5.
Dissipation factor:
1.0% max. at 1KHz, 25
oC
6.
Insulation resistance: (Measured
after charging 100 ±15VDC for 1 minute)
>30000M
Ω (C ≤ 0.33μF)
>10000M
Ω• μF (C > 0.33μF)
7.
Dielectric strength:
1183VDC for 1 minute or
2kVDC for 1 sec.
8.
Maximum pulse rise time
120V/
μsec. at 250VAC
PART NUMBERING SYSTEM
MEX
474
K
275VAC
Meritek Series
Capacitance
CODE
103
104
105
106
(pF)
10,000
100,000
(nF)
10
100
1000
(
μF)
0.01
0.1
1
10
Tolerance
CODE
J
K
M
Tolerance (%)
±5
±10
±20
Rated Voltage 275VAC
MEX
are
constructed
with
special
metallized
polypropylene film dielectric, tinned copper wire
leads, encapsulated in plastic case with a non-
inductive epoxy resin seal. They are ideal for line
bypass, across-the-line, antenna coupling, spark
killer circuits, switching power supply and EMI filter
applications.
Optional suffix may be added to denote custom features
CASE SIZE/MM
CASE SIZE/MM
SIZE
UF
CODE
WH
T
P
D
SIZE
UF
CODE
WH
T
P
D
0.001
102
13
9
4
10
0.6
0.1
104(S)
18
11
5
15
0.8
0.0012
122
13
9
4
10
0.6
0.1
104
18
13.5
6
15
0.8
0.0015
152
13
9
4
10
0.6
0.12
124
18
14
8.5
15
0.8
0.0018
182
13
9
4
10
0.6
0.15
154
18
14.5 8.5
15 0.8
0.0022
222
13
9
4
10
0.6
0.18
184
26.5 16.5 7.0 22.5 0.8
0.0027
272
13
9
4
10
0.6
0.22
224
26.5 16.5 7.0 22.5 0.8
0.0033
332
13
9
4
10
0.6
0.27
274
26.5 17.5 8.5 22.5 0.8
0.0039
392
13
9
4
10
0.6
0.33
334
26.5 17.5 8.5 22.5 0.8
0.0047
472
13
11
5
10
0.6
0.39
394
26.5
20
10
22.5 0.8
0.0056
562
13
11
5
10
0.6
0.47
474(S)
26.5
20
10
22.5 0.8
0.0068
682
13
11
5
10
0.6
0.47
474
32
20
11
27.5 0.8
0.0082
822
13
11
5
10
0.6
0.56
564
32
20
11
27.5 0.8
0.010
103
13
11
5
10
0.6
0.68
684
32
20
11
27.5 0.8
0.012
123
13
11
5
10
0.6
0.82
824
32
22
13
27.5 0.8
0.015
153
13
11
5
10
0.6
1.0
105(S)
32
22
13
27.5 0.8
0.018
183
13
12
6
10
0.6
1.0
105
37
24
13.5 31.5 0.8
0.022
223
13
12
6
10
0.6
1.2
125
37
24
13.5 31.5 0.8
0.027
273
13
12
6
10
0.6
1.5
155(S)
32
15
30
27.5 0.8
0.033
333
13
12
6
10
0.8
1.5
155
37
26.5
16
31.5 0.8
0.039
393
13
12
6
10
0.8
1.8
185
37
28.5
18
31.5 0.8
0.047
473
13
12
6
10
0.8
2.2
225(S)
32
33
18
27.5 0.8
0.056
563
18
12
6
15
0.8
2.2
225
37
28.5
18
31.5 0.8
0.068
683
18
12
6
15
0.8
3.3
335
39
32
22
31.5 0.8
0.082
823
18
13
7.5
15
0.8
4.7
475
51
32.5
22
44.5 0.8
UL E197475 VDE 40010750
Specifications are subject to change without notice.
rev.6a


Similar Part No. - MEX103K275VAC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MEX-B MSYSTEM-MEX-B Datasheet
111Kb / 3P
   Final Control Elements
MEX-B-B MSYSTEM-MEX-B-B Datasheet
111Kb / 3P
   Final Control Elements
MEX-B-B MSYSTEM-MEX-B-B Datasheet
111Kb / 3P
   Final Control Elements
MEX-B-B/Q MSYSTEM-MEX-B-B/Q Datasheet
111Kb / 3P
   Final Control Elements
MEX-B-B/Q MSYSTEM-MEX-B-B/Q Datasheet
111Kb / 3P
   Final Control Elements
More results

Similar Description - MEX103K275VAC

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MEY MERITEK-MEY Datasheet
164Kb / 1P
   EMI Suppression Capacitor
logo
AVX Corporation
MV1018J104MAA1 AVX-MV1018J104MAA1 Datasheet
106Kb / 2P
   Varistor/Capacitor Combination for EMI/Surge Suppression
logo
Vishay Siliconix
20VL VISHAY-20VL Datasheet
143Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X2, 400 VAC
01-Jan-2022
logo
Okaya Electric America,...
REB473 OKAYA-REB473 Datasheet
307Kb / 1P
   NOISE SUPPRESSION CAPACITOR
LE103 OKAYA-LE103 Datasheet
334Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XE102-Z OKAYA-XE102-Z Datasheet
446Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PAB103 OKAYA-PAB103 Datasheet
272Kb / 1P
   NOISE SUPPRESSION CAPACITOR
YE102 OKAYA-YE102 Datasheet
322Kb / 1P
   NOISE SUPPRESSION CAPACITOR
logo
NIC-Components Corp.
NPX NIC-NPX Datasheet
100Kb / 4P
   Interference Suppression Capacitor
logo
Okaya Electric America,...
XYE-473472AN OKAYA-XYE-473472AN Datasheet
501Kb / 2P
   NOISE SUPPRESSION CAPACITOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com