Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC1206XR251Z251 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # HC1206XR251Z251
Description  Multilayer Ceramic Chip Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

HC1206XR251Z251 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  HC1206XR251Z251 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MERITEK
Multilayer Ceramic Chip Capacitors
HC Series
(High Voltage)
SPECIFICATIONS
CODE
NPO
X7R
Temperature
Characteristics
0 ±30ppm/
oC
ΔC ±15%
(-55
oC to +125oC)
Dissipation Factor
(D.F.)
0.1% max. Cap >30pF
(+25
oC, 1Vrms, 1MHz)
3.0% max.
(+25
oC, 1Vrms, 1 KHz)
Insulation
Resistance
10G
Ω or 500MΩ x μF
whichever is smaller
10G
Ω or 500MΩ x μF
whichever is smaller
Dielectric
Withstanding
Voltage
120% rated voltage,
25
oC, 15 sec.
120% rated voltage,
25
oC, 15 sec.
Standard Tolerance
J (±5%), K (±10%), M (±20%)
J (±5%), K (±10%), M (±20%)
MERITEK High Voltage Chip Capacitors are
developed
for
circuits
requiring
reliable
components in high voltage applications, such
as high voltage solid state multipliers, high
voltage power supplies, high voltage rectifier
arrays, and other similar applications
PART NUMBERING SYSTEM
HC
1206
XR
101
K
501
Meritek Series
Size
Dielectric
CODE
CG
XR
COG (NPO)
X7R
Capacitance
CODE
8R2
101
223
104
pF
8.2
100
22000
100000
nF
--
.1
22
100
μF
--
--
0.022
0.1
Tolerance
Code
Tolerance
Code
Tolerance
Code
Tolerance
F
±1%
G
±2%
J
±5%
K
±10%
M
±20%
Z
+80/-20%
Rated Voltage
2 significant digits + number of zeros
Code
101
251
501
102
202
302
R.V.
100V
250V
500V
1000V
2000V
3000V
Specifications are subject to change without notice.
rev.6a


Similar Part No. - HC1206XR251Z251

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC1203A JLWORLD-HC1203A Datasheet
239Kb / 1P
   Value applying Rated Voltage
More results

Similar Description - HC1206XR251Z251

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com