Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0395443016 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0395443016
Description  Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0395443016 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0395443016 Datasheet HTML 1Page - Molex Electronics Ltd. 0395443016 Datasheet HTML 2Page - Molex Electronics Ltd. 0395443016 Datasheet HTML 3Page - Molex Electronics Ltd. 0395443016 Datasheet HTML 4Page - Molex Electronics Ltd. 0395443016 Datasheet HTML 5Page - Molex Electronics Ltd. 0395443016 Datasheet HTML 6Page - Molex Electronics Ltd. 0395443016 Datasheet HTML 7Page - Molex Electronics Ltd. 0395443016 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3.81mm (.150") Pitch
ESE Pluggable Terminal Blocks
5
Pitch
Description
Current
Wire Range
Circuits
Order No.
ESE
Beau®
PCB Headers
3.81mm (.150")
Vertical
8.0A
N/A
 to 0
39511-10XX
39900-05XX
Vertical with Threaded
Retention Inserts
39515-10XX
39900-11XX
Horizontal
3951-10XX
39900-07XX
Horizontal with Threaded
Retention Inserts
39516-10XX
39900-1XX
Plugs
3.81mm (.150")
Vertical, Rear Wire Entry
8.0A
16 to 30 AWG
 to 0
39513-0XX
39900-0XX
Vertical with Retention Screws,
Rear Wire Entry
39517-0XX
39900-17XX
Vertical, Front Wire Entry
39513-30XX
39900-03XX
Vertical with Retention Screws,
Front Wire Entry
39517-30XX
39900-18XX
Horizontal
16 to 4 AWG
39510-00XX
39905-01XX
Horizontal with
Retention Screws
39514-00XX
39905-10XX
Replace XX with circuit sizes 0 to 0.


Similar Part No. - 0395443016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395443010 MOLEX5-0395443010 Datasheet
197Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Vertical Fixed Mount PCB Terminal Block, 10 Circuits
0395443011 MOLEX11-0395443011 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395443012 MOLEX5-0395443012 Datasheet
197Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Vertical Fixed Mount PCB Terminal Block, 12 Circuits
0395443013 MOLEX11-0395443013 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395443014 MOLEX11-0395443014 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
More results

Similar Description - 0395443016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395430020 MOLEX11-0395430020 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430220 MOLEX11-0395430220 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433014 MOLEX11-0395433014 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433109 MOLEX11-0395433109 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434313 MOLEX11-0395434313 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434318 MOLEX11-0395434318 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433024 MOLEX11-0395433024 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433111 MOLEX11-0395433111 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433116 MOLEX11-0395433116 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433120 MOLEX11-0395433120 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434323 MOLEX11-0395434323 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com