Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVY5P202K2KV6B1 Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # HVY5P202K2KV6B1
Description  High Voltage Ceramic Capacitors 500V-4KV
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

HVY5P202K2KV6B1 Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  HVY5P202K2KV6B1 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION HVY5P202K2KV6B1 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION HVY5P202K2KV6B1 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MERITEK
High Voltage Ceramic
Capacitors 500V-4KV
HV Series
RATED VOLTAGE
TEMP CHARACTERISTICS / CAPACITANCE (pF)
DIMENSIONS (mm)
(VDC)
SL
Y5P (B)
Z5U (E)
Z5V (F)
D max.
T
d
1-33
100-220
100-680
470-1000
8
47-56
330
820
9
68
470
1000
1500
10
82-100
560
1500
2200
12
120
680-820
2200
3300
14
150-180
1000
3300
4700
16
220
1500
4700
-
18
270-330
2200
-
-
20
390
3300
-
10000
22
470
-
10000
-
24
4000V
560-680
4700
15000
15000
26
8
0.6
±.05
SPECIFICATIONS
COG / NPO
X7R
Z5U
Temperature Characteristic
0 ±30ppm/
oC
±15%
+22/-56%
(+10
oC to 85oC)
Operating Temperature Range
-55
oC to +125oC
-55
oC to +125oC
+10
oC to +85oC
Dissipation Factor (25
oC, 1KHz)
0.15% max. at 1Vrms
2.5% max. at 1Vrms
3.5% max. at 0.5Vrms
Insulation Resistance at 25
oC,
rated voltage (min.)
100K Mega ohms or
1000 Mega ohms x
μF
whichever is less
100K Mega ohms or
1000 Mega ohms x
μF
whichever is less
10K Mega ohms or
500 Mega ohms x
μF
whichever is less
Dielectric Withstanding Voltage
(50mA max., 5 sec.)
2.5 x Rated Voltage
2.5 x Rated Voltage
2.5 x Rated Voltage
Life Test (1,000 hours)
2 x Rated Voltage
at +125
oC
2 x Rated Voltage
at +125
oC
1.5 x Rated Voltage
at +85
oC


Similar Part No. - HVY5P202K2KV6B1

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HVY-16V271MG10-R2 TAIYO-YUDEN-HVY-16V271MG10-R2 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVY]
HVY-16V271MG10N-R2 TAIYO-YUDEN-HVY-16V271MG10N-R2 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVY] For Automotive Body & Chassis and Infotainment
HVY-16V271MG10Q-R2 TAIYO-YUDEN-HVY-16V271MG10Q-R2 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVY] For Automotive Powertrain and Safety
HVY-16V471MH10-R2 TAIYO-YUDEN-HVY-16V471MH10-R2 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVY]
HVY-16V471MH10N-R2 TAIYO-YUDEN-HVY-16V471MH10N-R2 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVY] For Automotive Body & Chassis and Infotainment
More results

Similar Description - HVY5P202K2KV6B1

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
HV MERITEK-HV Datasheet
155Kb / 3P
   High Voltage Ceramic Capacitors 500V-4KV
logo
GETAI ELECTRONICS DEVIC...
2CL69 GETEDZ-2CL69_16 Datasheet
68Kb / 1P
   5mA 4kV HIGH VOLTAGE DIODES
2CL69 GETEDZ-2CL69 Datasheet
68Kb / 5P
   5mA 4kV HIGH VOLTAGE DIODES
logo
Cynergy3 Co
S1-0504DM CYNERGY3-S1-0504DM Datasheet
514Kb / 1P
   4kV Isolation Voltage across contacts
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com