Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHS16V222M22X25 Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # MHS16V222M22X25
Description  Snap-In Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MHS16V222M22X25 Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  MHS16V222M22X25 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MHS16V222M22X25 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MHS16V222M22X25 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
W.V(V)
Cap (F)
22
25
30
35
22
25
30
35
22
25
30
35
22
25
30
35
180
22x25
1.00
220
22x25
1.25
22x25
1.15
25x25
1.10
22x30
1.25
25x25
1.25
270
22x25
1.30
22x30
1.35
25x25
1.35
22x35
1.40
25x30
1.45
30x25
1.40
330
22x25
1.43
22x30
1.45
25x25
1.45
22x30
1.50
25x25
1.50
22x40
1.50
25x30
1.45
30x25
1.50
390
22x30
1.55
25x25
1.55
22x35
1.60
25x25
1.60
22x35
1.70
25x30
1.75
30x25
1.70
22x45
1.80
25x35
1.80
30x30
1.80
470
22x30
1.95
25x25
1.95
22x35
1.98
25x30
1.98
30x25
1.98
22x40
2.05
25x35
2.05
30x25
2.05
22x50
2.10
25x40
2.10
30x30
2.10
560
22x35
2.01
25x30
2.01
30x25
2.01
22x40
2.05
25x35
2.05
30x25
2.05
22x45
2.10
25x35
2.10
30x30
2.10
25x45
2.20
30x35
2.20
35x30
2.20
680
22x40
2.22
25x35
2.22
30x30
2.22
22x50
2.30
25x40
2.30
30x30
2.30
22x45
2.35
25x40
2.40
30x30
2.40
25x50
2.50
30x40
2.50
35x30
2.50
820
22x50
2.60
25x40
2.60
30x30
2.60
22x50
2.30
25x45
2.65
30x35
2.65
35x30
2.65
22x45
2.70
25x50
2.70
30x40
2.75
35x30
2.70
30x45
2.80
35x35
2.80
1000
22x50
2.85
25x45
3.02
30x35
3.02
35x30
3.02
25x50
3.05
30x40
3.05
35x35
3.05
30x45
3.15
35x35
3.10
30x50
3.25
35x40
3.25
1200
25x50
3.29
30x40
3.29
35x35
3.29
30x45
3.35
35x35
3.30
25x50
3.35
30x50
3.40
35x40
3.40
30x50
3.40
35x50
3.50
1500
30x45
3.80
35x40
3.80
30x50
3.90
35x40
3.95
35x50
4.10
1800
30x50
4.27
35x40
4.27
35x50
4.30
35x50
4.30
2200
35x50
4.50
160(2C)
180(2S)
200(2D)
250(2E)
W.V
Cap (F)
 22  25  30  35  22  25  30  35  20  22  25  30  35
 22  25  30  35
47
22x25
0.50
22X25
0.45
56
22x25
0.50
22x25
0.50
68
20x30
0.50
22x25
0.60
25x25
0.80
22x30
0.60
25x25
0.60
82
22x25
0.65
22x30
0.65
25x25
0.65
22x30
0.65
25x25
0.65
100
22x25
0.65
22x30
0.68
25x25
0.68
22x30
0.75
25x25
0.75
22x35
0.75
25x30
0.75
30x25
0.75
120
22x30
0.75
25x25
0.75
22x30
0.85
25x25
0.85
22x35
0.90
25x30
0.92
30x25
0.92
22x40
0.92
25x35
0.92
30x25
0.92
150
22x35
0.85
25x25
0.85
22x35
1.00
25x30
1.00
30x25
1.00
22x40
1.05
25x30
1.07
30x25
1.05
22x50
1.10
25x40
1.10
30x30
1.10
180
22x35
1.00
25x30
1.00
30x25
1.05
22x40
1.10
25x35
1.10
30x25
1.10
22x45
1.20
25x35
1.20
30x30
1.20
25x45
1.20
30x35
1.20
35x30
1.20
220
22x40
1.20
25x35
1.15
30x25
1.15
22x45
1.30
25x40
1.30
30x30
1.30
22x50
1.35
25x40
1.35
30x35
1.35
35x30
1.35
25x50
1.40
30x40
1.40
35x30
1.40
270
22x45
1.30
25x40
1.32
30x30
1.30
25x45
1.53
30x35
1.50
35x30
1.50
25x45
1.60
30x40
1.62
35x30
1.60
25x50
1.55
30x45
1.65
35x35
1.65
330
22x50
1.50
25x45
1.55
30x35
1.55
35x30
1.55
25x50
1.70
30x40
1.70
35x30
1.70
25x45
1.75
30x45
1.85
35x35
1.85
25x50
1.80
30x50
1.90
35x40
1.90
390
25x50
1.70
30x40
1.70
35x35
1.70
30x45
1.90
35x35
1.90
25x50
1.95
30x50
2.08
35x40
2.08
35x45
2.10
470
30x45
1.90
35x35
1.90
30x50
2.20
35x40
2.20
30x50
2.30
35x45
2.38
35x50
2.50
560
30x50
2.20
35x40
2.20
35x45
2.50
30x50
2.50
35x50
2.65
680
35x45
2.50
35x50
2.90
35x50
2.85
35x60
4.55
820
35x50
2.80
1000
35x50
3.10
I
R : Maxium permissible ripple current [A(rms) at 85
o
C,120Hz]
Case size[ DxL (mm)]
315(2F)
350(2V)
400(2G)
450(2W)
420(2Y)
 
35x60
3.55
MERITEK
Snap-In Aluminum
Electrolytic Capacitors
HS Series
rev.7a


Similar Part No. - MHS16V222M22X25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHS10N431K ETC-MHS10N431K Datasheet
127Kb / 1P
   Chassis-Fixed heat dissipation (Efficient) types
logo
Copal Electronics
MHS121 COPAL-MHS121 Datasheet
839Kb / 6P
   Hyper-miniature Slide Switches
logo
List of Unclassifed Man...
MHS122 ETC2-MHS122 Datasheet
266Kb / 4P
   Miniature Slide Switches
logo
Copal Electronics
MHS122 COPAL-MHS122 Datasheet
839Kb / 6P
   Hyper-miniature Slide Switches
logo
List of Unclassifed Man...
MHS123 ETC2-MHS123 Datasheet
266Kb / 4P
   Miniature Slide Switches
More results

Similar Description - MHS16V222M22X25

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com