Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRHV2512U1005FH Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # CRHV2512U1005FH
Description  High Voltage Thick Film Chip Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CRHV2512U1005FH Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  CRHV2512U1005FH Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CRHV2512U1005FH Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CRHV2512U1005FH Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
.
.
.8
■Standard Electrical Specifications
Resistance Range
Item
Type
Power
Rating
at 70
°C
Operating Temp.
Range
Max.
Operating
Voltage
Max.
Overload
Voltage
±1%
±5%
TCR
(PPM/
°C)
10
Ω - 1MΩ
±100
1.02M
Ω - 10MΩ
1.1M
Ω - 20MΩ
±200
CRHV (0402)
1/16W
100V
200V
-
22M
Ω - 100MΩ
±400
10
Ω - 1MΩ
±100
1.02M
Ω - 10MΩ
1.1M
Ω - 20MΩ
±200
CRHV (0603)
1/10W
200V
400V
-
22M
Ω - 100MΩ
±400
10
Ω - 1MΩ
±100
1.02M
Ω - 10MΩ
1.1M
Ω - 20MΩ
±200
CRHV (0805)
1/8W
400V
800V
-
22M
Ω - 100MΩ
±400
10
Ω - 1MΩ
±100
1.02M
Ω - 10MΩ
1.1M
Ω - 20MΩ
±200
CRHV (1206)
1/4W
500V
1000V
-
22M
Ω - 100MΩ
±400
10
Ω - 1MΩ
±100
1.02M
Ω - 20MΩ
1.1M
Ω - 20MΩ
±200
CRHV (2010)
1/2W
2000V
3000V
-
22M
Ω - 100MΩ
±400
10
Ω - 1MΩ
±100
1.02M
Ω - 20MΩ
1.1M
Ω - 20MΩ
±200
CRHV (2512)
1W
-55 ~ +155
°C
3000V
4000V
-
22M
Ω - 100MΩ
±400
Operating Voltage=√(P*R) or Max. operating voltage listed above, whichever is lower.
Overload Voltage=2.5*√(P*R) or Max. overload voltage listed above, whichever is lower.
■Environmental Characteristics
Requirement
Item
±1%
±5%
Test Method
Temperature Coefficient of
Resistance (T.C.R.)
As Spec.
-55
°C~+125°C, 25°C is the reference
temperature
Short Time Overload
±(1.0%+0.05Ω)
±(2.0%+0.05Ω)
RCWV*2.5 or Max. overload voltage for 5
seconds
Insulation Resistance
≥10G
Max. overload voltage for 1 minute
Endurance
±(2.0%+0.10Ω)
±(3.0%+0.10Ω)
70
±2°C, Max. working voltage for 1000 hrs with
1.5 hrs “ON” and 0.5 hrs “OFF”
Damp Heat with Load
±(2.0%+0.10Ω)
±(3.0%+0.10Ω)
40
±2°C, 90~95% R.H. Max. working voltage for
1000 hrs with 1.5 hrs “ON” and 0.5 hrs “OFF”
Dry Heat
±(1.0%+0.05Ω)
±(1.5%+0.10Ω)
at +155
°C for 1000 hrs
Bending Strength
±(1.0%+0.05Ω)
±(1.0%+0.05Ω)
Bending once for 5 seconds
2010, 2512 sizes: 2mm
Other sizes: 3mm
Solderability
95% min. coverage
245
±5°C for 3 seconds
Resistance to Soldering Heat
±(0.5%+0.05Ω)
±(1.0%+0.05Ω)
260
±5°C for 10 seconds
Voltage Proof
No breakdown or flashover
1.42 times RCWV (RMS) for 1 minute
Leaching
Individual leaching area ≦5%
Total leaching area ≦ 10%
260
±5°C for 30 seconds
Rapid Change of Temperature
±(0.5%+0.05Ω)
±(1.0%+0.05Ω)
-55
°C to +155°C, 5 cycles
Reference Standards: IEC 60115-1, 60068-2-58; JIS-C 5201-1
Storage Temperature: 25±3°C; Humidity < 80%RH


Similar Part No. - CRHV2512U1005FH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRHV2512 VISHAY-CRHV2512 Datasheet
175Kb / 2P
   High Voltage Chip Resistors
Revision: 02-Oct-14
More results

Similar Description - CRHV2512U1005FH

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HVC SEI-HVC Datasheet
267Kb / 5P
   High Voltage Thick Film Chip Resistor
11/18/2020
logo
List of Unclassifed Man...
HVCB2010FKC100M ETC2-HVCB2010FKC100M Datasheet
114Kb / 3P
   High Voltage Thick Film Chip Resistor
logo
IRC - a TT electronics ...
F44KU6806G50BLK IRCTT-F44KU6806G50BLK Datasheet
245Kb / 3P
   High Voltage Thick Film Resistor
logo
Stackpole Electronics, ...
RVC SEI-RVC Datasheet
337Kb / 6P
   Medium Voltage Thick Film Chip Resistor
01/23/2019
logo
Rohm
KTR10 ROHM-KTR10_1 Datasheet
87Kb / 7P
   Endured high voltage fixed thick film chip resistor
KTR10 ROHM-KTR10 Datasheet
106Kb / 7P
   Endured high voltage fixed thick film chip resistor
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
   Thick Film Chip Resistor
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
   Thick Film Chip Resistor
logo
Samsung semiconductor
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com