Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCR16-100MMV Datasheet(PDF) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # UCR16-100MMV
Description  Flat Type Ultra-High Resistance Chip Resistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

UCR16-100MMV Datasheet(HTML) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  UCR16-100MMV Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
【Model Number】
【Model Number】
【Model Number】
【Model Number】
UCR**
UCR**
UCR**
UCR**
【Features】
【Features】
【Features】
【Features】
【Dimensions】
【Dimensions】
【Dimensions】
【Dimensions】
【Designation】
【Designation】
【Designation】
【Designation】
【Specification】
【Specification】
【Specification】
【Specification】
* Operating temperature range: -55~+155 ℃
* Operating temperature range: -55~+155 ℃
* Operating temperature range: -55~+155 ℃
* Operating temperature range: -55~+155 ℃
【Structure】
【Structure】
【Structure】
【Structure】
No.
1
2
3
4
5
6
7
8
* Design・specification are subject to change without prior notice. Please check before purchase and use.
Substrate
Substrate
Substrate
Substrate
Sn plating
Sn plating
Sn plating
Sn plating
Bottom electrode
Bottom electrode
Bottom electrode
Bottom electrode
Top electrode
Top electrode
Top electrode
Top electrode
Resistive element
Resistive element
Resistive element
Resistive element
Protective coat
Protective coat
Protective coat
Protective coat
Side electrode
Side electrode
Side electrode
Side electrode
Ni plating
Ni plating
Ni plating
Ni plating
N (±30%)
N (±30%)
N (±30%)
N (±30%)
H (±50%)
H (±50%)
H (±50%)
H (±50%)
10G<R≦100G
10G<R≦100G
10G<R≦100G
10G<R≦100G
Element Name
33M
33M
33M
33M≦
≦R<100M
R<100M
R<100M
R<100M
N (±30%)
N (±30%)
N (±30%)
N (±30%)
H (±50%)
H (±50%)
H (±50%)
H (±50%)
15V
15V
15V
15V
100M≦R≦1G
100M≦R≦1G
100M≦R≦1G
100M≦R≦1G
0 ~ -1500
0 ~ -1500
0 ~ -1500
0 ~ -1500
0 ~ -0.5
0 ~ -0.5
0 ~ -0.5
0 ~ -0.5
M (±20%)
M (±20%)
M (±20%)
M (±20%)
N (±30%)
N (±30%)
N (±30%)
N (±30%)
H (±50%)
H (±50%)
H (±50%)
H (±50%)
1G<R≦10G
1G<R≦10G
1G<R≦10G
1G<R≦10G
0 ~ -3500
0 ~ -3500
0 ~ -3500
0 ~ -3500
0 ~ -2.5
0 ~ -2.5
0 ~ -2.5
0 ~ -2.5
0 ~ -0.1
0 ~ -0.1
0 ~ -0.1
0 ~ -0.1
100V
100V
100V
100V
15V
15V
15V
15V
0 ~ -1000
0 ~ -1000
0 ~ -1000
0 ~ -1000
UCR20
UCR20
UCR20
UCR20
K (±10%)
K (±10%)
K (±10%)
K (±10%)
M (±20%)
M (±20%)
M (±20%)
M (±20%)
N (±30%)
N (±30%)
N (±30%)
N (±30%)
33M≦R<100M
33M≦R<100M
33M≦R<100M
33M≦R<100M
0 ~ -2.5
0 ~ -2.5
0 ~ -2.5
0 ~ -2.5
0 ~ -1000
0 ~ -1000
0 ~ -1000
0 ~ -1000
0 ~ -0.1
0 ~ -0.1
0 ~ -0.1
0 ~ -0.1
10G<R≦100G
10G<R≦100G
10G<R≦100G
10G<R≦100G
0 ~ -3500
0 ~ -3500
0 ~ -3500
0 ~ -3500
-
--
-
0 ~ -0.5
0 ~ -0.5
0 ~ -0.5
0 ~ -0.5
1G<R≦10G
1G<R≦10G
1G<R≦10G
1G<R≦10G
150V
150V
150V
150V
0 ~ -3500
0 ~ -3500
0 ~ -3500
0 ~ -3500
-
--
-
M (±20%)
M (±20%)
M (±20%)
M (±20%)
N (±30%)
N (±30%)
N (±30%)
N (±30%)
H (±50%)
H (±50%)
H (±50%)
H (±50%)
0 ~ -3500
0 ~ -3500
0 ~ -3500
0 ~ -3500
Model No.
Tolerance
Range (Ω)
TCR (ppm/℃)
100M≦R≦1G
100M≦R≦1G
100M≦R≦1G
100M≦R≦1G
0 ~ -1500
0 ~ -1500
0 ~ -1500
0 ~ -1500
UCR16
UCR16
UCR16
UCR16
K (±10%)
K (±10%)
K (±10%)
K (±10%)
M (±20%)
M (±20%)
M (±20%)
M (±20%)
N (±30%)
N (±30%)
N (±30%)
N (±30%)
VCR (5~15V) (%/V) Max.Overload Voltage
UCR20
UCR20
UCR20
UCR20
2.00
2.00
2.00
2.00
+0.20/-0.10
+0.20/-0.10
+0.20/-0.10
+0.20/-0.10
1.25
1.25
1.25
1.25
+0.20/-0.10
+0.20/-0.10
+0.20/-0.10
+0.20/-0.10
0.50
0.50
0.50
0.50
+0.15/-0.05
+0.15/-0.05
+0.15/-0.05
+0.15/-0.05
0.40±0.20
0.40±0.20
0.40±0.20
0.40±0.20
The highest continuous use voltage
0.40±0.20
0.40±0.20
0.40±0.20
0.40±0.20
UCR16
UCR16
UCR16
UCR16
1.60±0.15
1.60±0.15
1.60±0.15
1.60±0.15
0.80
0.80
0.80
0.80
+0.20/-0.10
+0.20/-0.10
+0.20/-0.10
+0.20/-0.10
0.40
0.40
0.40
0.40
+0.15/-0.05
+0.15/-0.05
+0.15/-0.05
+0.15/-0.05
0.25±0.20
0.25±0.20
0.25±0.20
0.25±0.20
0.25±0.20
0.25±0.20
0.25±0.20
0.25±0.20
Model No.
L
W
t
c
d
(Unit: mm)
Flat Type Ultra-High Resistance Chip Resistor
Hokuriku Electric Industry Co.,Ltd
HOKURIKU
....
Ω
Ω
Ω
Ω
G
G
G
G
100
100
100
100
Original resistive material covers up to
Original resistive material covers up to
Original resistive material covers up to
Original resistive material covers up to
product.
product.
product.
product.
Europe RoHS compliant
Europe RoHS compliant
Europe RoHS compliant
Europe RoHS compliant
■Suitable
Suitable
Suitable
Suitable for the following applications.
for the following applications.
for the following applications.
for the following applications.
・・
・Various Sensors
Various Sensors
Various Sensors
Various Sensors
・・
・Various kinds
Various kinds
Various kinds
Various kinds of measuring equipment
of measuring equipment
of measuring equipment
of measuring equipment
2
3
4
5
6
1
7
8
10
10
10
10
-
--
-
16
16
16
16
UCR
UCR
UCR
UCR
Model No.
Size
Marking
Resistance
Symbol
Tolerance
Symbol
Form
UCR16
1608
10G
10GΩ
K
±10%
V
Paper tape
UCR20
2012
M
±20%
B
Bulk
N
±30%
(Marking)
(Resistance)
H
±50%
100M
100MΩ
10G
10GΩ
①Model No.
②Resistance Value
③Resistance Tolerance
③Packing Form
Indicate M of mega, G of giga
as a unit.


Similar Part No. - UCR16-100MMV

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
UCR1608 ECM-UCR1608 Datasheet
71Kb / 3P
   Surface Mount Power Inductors
UCR1608T-100 ECM-UCR1608T-100 Datasheet
71Kb / 3P
   Surface Mount Power Inductors
UCR1608T-101 ECM-UCR1608T-101 Datasheet
71Kb / 3P
   Surface Mount Power Inductors
UCR1608T-102 ECM-UCR1608T-102 Datasheet
71Kb / 3P
   Surface Mount Power Inductors
UCR1608T-103 ECM-UCR1608T-103 Datasheet
71Kb / 3P
   Surface Mount Power Inductors
More results

Similar Description - UCR16-100MMV

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
E011401 HOKURIKU-E011401 Datasheet
170Kb / 1P
   Flat Type Low Resistance Chip Resistor
ECR20 HOKURIKU-ECR20 Datasheet
150Kb / 1P
   Flat Type Extremely-Low Resistance Chip Resistor
E011402 HOKURIKU-E011402 Datasheet
150Kb / 1P
   Flat Type Extremely-Low Resistance Chip Resistor
logo
KOA Speer Electronics, ...
UR73V KOA-UR73V Datasheet
96Kb / 2P
   low resistance flat chip resistor
logo
HOKURIKU ELECTRIC INDUS...
E011404 HOKURIKU-E011404 Datasheet
248Kb / 2P
   Flat Type Chip Fuse Resistor
FCR16 HOKURIKU-FCR16 Datasheet
249Kb / 2P
   Flat Type Chip Fuse Resistor
logo
KOA Speer Electronics, ...
TLR1E-2A-TLRZ KOA-TLR1E-2A-TLRZ Datasheet
406Kb / 2P
   metal plate chip type low resistance resistor
TLR2BDTE KOA-TLR2BDTE Datasheet
89Kb / 4P
   Chip-Type Metal Plate Low-Resistance Resistor
TLR1EDTP2L00F KOA-TLR1EDTP2L00F Datasheet
281Kb / 2P
   metal plate chip type low resistance resistor
RK73G-RT KOA-RK73G-RT Datasheet
212Kb / 2P
   flat chip resistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com