Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPRV120V185 Datasheet(PDF) 6 Page - MERITEK ELECTRONICS CORPORATION

Part # MPRV120V185
Description  Polymeric PTC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPRV120V185 Datasheet(HTML) 6 Page - MERITEK ELECTRONICS CORPORATION

  MPRV120V185 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPRV120V185 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPRV120V185 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPRV120V185 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPRV120V185 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPRV120V185 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPRV120V185 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPRV120V185 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Electrical Characteristics (23ºC)
Resistance
Hold
Current
Trip
Current
Max.Time
to Trip
Maximum
Current
Rated
Voltage
Max.Int
Voltage
Typical
Power
RMIN
R1MAX
Part
Number
IH, A
IT, A
at 5xIH
IMAX, A
VMAX,
VAC
VMAX,
VAC
Pd, W
ohms
ohms
MPRV240V005
0.05
0.12
15.0
1.0
240
265
0.70
18.50
65.00
MPRV240V008
0.08
0.19
15.0
1.2
240
265
0.80
7.40
26.00
MPRV240V012
0.12
0.30
15.0
1.2
240
265
1.00
3.00
12.00
MPRV240V016
0.16
0.37
15.0
2.0
240
265
1.40
2.50
7.80
MPRV240V025
0.25
0.56
18.5
3.5
240
265
1.50
1.30
3.80
MPRV240V033
0.33
0.74
18.5
4.5
240
265
1.70
0.83
2.60
MPRV240V040
0.40
0.90
24.0
5.5
240
265
2.00
0.60
1.90
MPRV240V055
0.55
1.25
26.0
7.0
240
265
3.40
0.45
1.45
MPRV240V075
0.75
1.50
18.0
7.5
240
265
2.60
0.32
0.84
MPRV240V100
1.00
2.00
21.0
10.0
240
265
2.90
0.22
0.58
MPRV240V125
1.25
2.50
23.0
12.5
240
265
3.30
0.17
0.44
MPRV240V200
2.00
4.00
28.0
20.0
240
265
4.50
0.09
0.22
IH=Hold current-maximum current at which the device will not trip at 23ºC still air.
IT=Trip current-minimum current at which the device will always trip at 23ºC still air.
V MAX=Maximum voltage device can withstand without damage at its rated current (I MAX)
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23ºC still air
environment.
Rmin=Minimum device resistance at 23ºC prior to tripping.
R1MAX=Maximum device resistance at 23ºC measured 1 hour after tripping or reflow soldering of 260ºC for 20 seconds.
Termination pad characteristics
Termination pad materials: Pure Tin
Polymeric PTC
MPRV Series
Rev.7


Similar Part No. - MPRV120V185

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
MPR MERITEK-MPR Datasheet
188Kb / 2P
   Metal Plate Resistor Cement Type
logo
Illinois Capacitor, Inc...
MPR ILLINOISCAPACITOR-MPR Datasheet
202Kb / 2P
   Small size ??Low ESR ??Good Pulse Capabilities ??Stable
logo
Stackpole Electronics, ...
MPR SEI-MPR Datasheet
242Kb / 4P
   Flameproof Metal Plate Resistor
12/03/2020
logo
Freescale Semiconductor...
MPR031 FREESCALE-MPR031 Datasheet
308Kb / 32P
   Proximity Capacitive Touch Sensor Controller
More results

Similar Description - MPRV120V185

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MPTS-S MERITEK-MPTS-S Datasheet
453Kb / 20P
   Polymeric PTC
MPSR MERITEK-MPSR Datasheet
268Kb / 4P
   Polymeric PTC
MPTR MERITEK-MPTR Datasheet
460Kb / 19P
   Polymeric PTC
MPTS-R MERITEK-MPTS-R Datasheet
453Kb / 20P
   Polymeric PTC
MPTH MERITEK-MPTH Datasheet
330Kb / 8P
   Polymeric PTC
logo
NTE Electronics
NTE16000-ECG NTE-NTE16000-ECG Datasheet
90Kb / 4P
   Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
logo
Bourns Electronic Solut...
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
   Polymeric Thermal Cutoff Device
logo
UN Semiconducctor INC
PESD2510E UNSEMI-PESD2510E Datasheet
4Mb / 7P
   Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
logo
TECH PUBLIC Electronics...
TPESD0201G TECHPUBLIC-TPESD0201G Datasheet
5Mb / 6P
   Surface Mount Polymeric ESD Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com