Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPRV120V375 Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # MPRV120V375
Description  Polymeric PTC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPRV120V375 Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  MPRV120V375 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPRV120V375 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPRV120V375 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPRV120V375 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPRV120V375 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPRV120V375 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPRV120V375 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPRV120V375 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Product Dimensions (Millimeters)
A
B
C
D
E
F
Part
Number
Figure
Maximum
Maximum
Typical
Minimum
Maximum
Typical
MPRV120V010
1
7.9
13.0
5.1
7.6
3.8
2.2
MPRV120V017
1
7.9
13.0
5.1
7.6
3.8
2.2
MPRV120V020
2
7.9
13.0
5.1
7.6
3.8
2.2
MPRV120V025
2
7.9
13.0
5.1
7.6
3.8
2.2
MPRV120V030
2
7.9
13.0
5.1
7.6
3.8
2.2
MPRV120V040
2
8.2
14.2
5.1
7.6
3.8
2.2
MPRV120V050
2
9.2
14.9
5.1
7.6
3.8
2.2
MPRV120V065
2
9.7
14.9
5.1
7.6
3.8
2.2
MPRV120V070
2
10.6
15.5
5.1
7.6
3.8
2.2
MPRV120V075
4
10.9
17.0
5.1
7.6
4.1
2.2
MPRV120V090
2
11.9
15.9
5.1
7.6
3.8
2.2
MPRV120V100
4
11.5
20.1
5.1
7.6
4.1
2.2
MPRV120V110
3
13.3
18.3
5.1
7.6
4.1
2.2
MPRV120V125
4
14.0
21.7
5.1
7.6
4.1
2.2
MPRV120V130
3
15.5
20.6
5.1
7.6
4.1
2.2
MPRV120V135
4
16.3
21.7
5.1
7.6
4.1
2.2
MPRV120V160
3
17.5
22.5
5.1
7.6
4.1
2.2
MPRV120V185
3
19.9
24.9
5.1
7.6
4.1
2.2
MPRV120V200
4
23.5
27.9
10.2
7.6
4.1
2.2
MPRV120V250
3
22.5
27.5
10.2
7.6
4.1
2.2
MPRV120V300
3
25.5
30.0
10.2
7.6
4.1
2.2
MPRV120V375
3
29.5
34.0
10.2
7.6
4.1
2.2
MPRV Series
Polymeric PTC
Figure 1
Lead Size: 24AWG
Φ 0.51 mm Diameter
Figure 3
Lead Size: 20AWG
Φ 0.81 mm Diameter
Figure 4
Lead Size: 20AWG
Φ 0.81 mm Diameter
Figure 2
Lead Size: 22AWG
Φ 0.65 mm Diameter
Rev.7


Similar Part No. - MPRV120V375

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
MPR MERITEK-MPR Datasheet
188Kb / 2P
   Metal Plate Resistor Cement Type
logo
Illinois Capacitor, Inc...
MPR ILLINOISCAPACITOR-MPR Datasheet
202Kb / 2P
   Small size ??Low ESR ??Good Pulse Capabilities ??Stable
logo
Stackpole Electronics, ...
MPR SEI-MPR Datasheet
242Kb / 4P
   Flameproof Metal Plate Resistor
12/03/2020
logo
Freescale Semiconductor...
MPR031 FREESCALE-MPR031 Datasheet
308Kb / 32P
   Proximity Capacitive Touch Sensor Controller
More results

Similar Description - MPRV120V375

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MPTS-S MERITEK-MPTS-S Datasheet
453Kb / 20P
   Polymeric PTC
MPSR MERITEK-MPSR Datasheet
268Kb / 4P
   Polymeric PTC
MPTR MERITEK-MPTR Datasheet
460Kb / 19P
   Polymeric PTC
MPTS-R MERITEK-MPTS-R Datasheet
453Kb / 20P
   Polymeric PTC
MPTH MERITEK-MPTH Datasheet
330Kb / 8P
   Polymeric PTC
logo
NTE Electronics
NTE16000-ECG NTE-NTE16000-ECG Datasheet
90Kb / 4P
   Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
logo
Bourns Electronic Solut...
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
   Polymeric Thermal Cutoff Device
logo
UN Semiconducctor INC
PESD2510E UNSEMI-PESD2510E Datasheet
4Mb / 7P
   Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
logo
TECH PUBLIC Electronics...
TPESD0201G TECHPUBLIC-TPESD0201G Datasheet
5Mb / 6P
   Surface Mount Polymeric ESD Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com