Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7827 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7827
Description  3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7827 Datasheet(HTML) 4 Page - Analog Devices

  AD7827 Datasheet HTML 1Page - Analog Devices AD7827 Datasheet HTML 2Page - Analog Devices AD7827 Datasheet HTML 3Page - Analog Devices AD7827 Datasheet HTML 4Page - Analog Devices AD7827 Datasheet HTML 5Page - Analog Devices AD7827 Datasheet HTML 6Page - Analog Devices AD7827 Datasheet HTML 7Page - Analog Devices AD7827 Datasheet HTML 8Page - Analog Devices AD7827 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7827
–4–
REV. 0
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7827 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
CONVST
Convert Start. Puts the track-and-
hold into hold mode and initiates a
conversion.
The state of this pin at the end of
conversion also determines whether
or not the part is powered down.
2V
IN
Analog Input is applied here.
3
RFS
Receive Frame Sync. This is an
output. When this signal goes logic
high at the end of a conversion, the
DSP starts latching in data on the
next cycle of SCLK.
4
GND
Ground reference for analog and
digital circuitry.
5V
REF
Reference Input.
6D
OUT
Serial Data is shifted out on this pin.
Data is clocked out by the rising
edges of SCLK.
7
SCLK
Serial Clock. An external serial clock
is applied here. The clock must be
continuous so the RFS (frame SYNC)
can be synchronized to the clock for
high speed data transfers. (See
Microprocessor Interfacing section.)
8V
DD
Positive Supply Voltage 3 V/5 V
± 10%.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
CONVST
VIN
RFS
VDD
SCLK
DOUT
VREF
GND
AD7827
ABSOLUTE MAXIMUM RATINGS*
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Digital Input Voltage to GND
(
CONVST, SCLK) . . . . . . . . . . . . . . –0.3 V, V
DD + 0.3 V
Digital Output Voltage to GND
(DOUT, RFS) . . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
VREF to GND . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
Analog Input Voltage to AGND . . . . . . –0.3 V, VDD + 0.3 V
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . –40
°C to +105°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . +300
°C
Plastic DIP Package, Power Dissipation . . . . . . . . . . 450 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . +105°C/W
Lead Temperature, (Soldering 10 sec) . . . . . . . . . . +260
°C
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . +75°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0 kV
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Linearity
Error
Package
Package
Model
(LSB)
Description
Option
AD7827BN
±0.5 LSB
Plastic DIP
N-8
AD7827BR
±0.5 LSB
Small Outline IC
SO-8


Similar Part No. - AD7827

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7827 AD-AD7827 Datasheet
111Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7827BN AD-AD7827BN Datasheet
111Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7827BR AD-AD7827BR Datasheet
111Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7827BRZ AD-AD7827BRZ Datasheet
111Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
More results

Similar Description - AD7827

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827BRZ AD-AD7827BRZ Datasheet
111Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com