Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0407360051 Datasheet(PDF) 1 Page - Weidmuller

Part # 0407360051
Description  Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0407360051 Datasheet(HTML) 1 Page - Weidmuller

  0407360051 Datasheet HTML 1Page - Weidmuller 0407360051 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product catalogue | Installation Products | Markings | Terminal markers | Card | Dekafix | Standard print | Dek 6.5 |
Vertical | Digits continuous linear
- 1 -
General ordering data
Order No.
0407360051
Part designation
DEK 6,5 FSZ 51-60
Version
Connector markers, L x W: 5 x 6.5 mm,
Polyamide, white
EAN
4008190000639
Qty.
500 pc(s).
Markings
Cadmium
no
Can be labelled with thermal transfer printers
No
Can be printed with plotter
No
Can be written with dot-matrix printer
No
Can be written with laser printer
No
Colour of printing
black
Function
Connector markers
Halogen
no
Length
5 mm
Material
Polyamide
Material colour
white
Material colour according to resistance code
9
Max. temperature, continuous
100 °C
Min. temperature, continuous
-40 °C
Orientation of print
vertical
Pin can be written (STI)
No
Pitch
6.5 mm
PrintJet
No
Printed characters
Numbers
Printing method
MC Laser
Silicone
no
Speed marking laser
No
Type of printing
Standard
UL 94 flammability class
V2
Width
6.5 mm


Similar Part No. - 0407360051

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0407360001 WEIDMULLER-0407360001 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0407360011 WEIDMULLER-0407360011 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0407360021 WEIDMULLER-0407360021 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0407360031 WEIDMULLER-0407360031 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0407360041 WEIDMULLER-0407360041 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
More results

Similar Description - 0407360051

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0468160151 WEIDMULLER-0468160151 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0407360041 WEIDMULLER-0407360041 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0519060061 WEIDMULLER-0519060061 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0407360011 WEIDMULLER-0407360011 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0468160101 WEIDMULLER-0468160101 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0468260051 WEIDMULLER-0468260051 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0519060041 WEIDMULLER-0519060041 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0519060051 WEIDMULLER-0519060051 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0407360021 WEIDMULLER-0407360021 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0519060011 WEIDMULLER-0519060011 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0519060071 WEIDMULLER-0519060071 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com