Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7822BR Datasheet(PDF) 7 Page - Analog Devices

Part # AD7822BR
Description  3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7822BR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7822BR Datasheet HTML 3Page - Analog Devices AD7822BR Datasheet HTML 4Page - Analog Devices AD7822BR Datasheet HTML 5Page - Analog Devices AD7822BR Datasheet HTML 6Page - Analog Devices AD7822BR Datasheet HTML 7Page - Analog Devices AD7822BR Datasheet HTML 8Page - Analog Devices AD7822BR Datasheet HTML 9Page - Analog Devices AD7822BR Datasheet HTML 10Page - Analog Devices AD7822BR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD7822/AD7825/AD7829
–7–
REV. B
Figures 2 and 3 below show simplified schematics of the ADC.
When the ADC starts a conversion, the track-and-hold goes into
hold mode and holds the analog input for 120 ns. This is the
acquisition phase as shown in Figure 2, when Switch 2 is in Posi-
tion A. At the point when the track-and-hold returns to its track
mode, this signal is sampled by the sampling capacitor as Switch 2
moves into Position B. The first flash occurs at this instant and
is then followed by the second flash. Typically, the first flash is
complete after 100 ns, i.e., at 220 ns, while the end of the second
flash and hence the 8-bit conversion result is available at 330 ns
(minimum). The maximum conversion time is 420 ns. As shown
in Figure 4, the track-and-hold returns to track mode after 120 ns,
and starts the next acquisition before the end of the current
conversion. Figure 6 shows the ADC transfer function.
TIMING AND
CONTROL
LOGIC
R1
HOLD
SAMPLING
CAPACITOR
A
B
SW2
R16
R15
R14
R13
T/H 1
VIN
REFERENCE
D7
D6
D5
D4
D3
D2
D1
D0
14
15
13
1
Figure 2. ADC Acquisition Phase
TIMING AND
CONTROL
LOGIC
R1
HOLD
SAMPLING
CAPACITOR
A
B
SW2
R16
R15
R14
R13
T/H 1
VIN
REFERENCE
D7
D6
D5
D4
D3
D2
D1
D0
14
15
13
1
Figure 3. ADC Conversion Phase
HOLD
HOLD
120ns
CONVST
EOC
CS
RD
DB0–DB7
t2
t1
t3
TRACK
TRACK
VALID
DATA
Figure 4. Track-and-Hold Timing
TYPICAL CONNECTION DIAGRAM
Figure 5 shows a typical connection diagram for the AD7822,
AD7825, and AD7829. The AGND and DGND are connected
together at the device for good noise suppression. The parallel
interface is implemented using an 8-bit data bus. The end of
conversion signal (EOC) idles high, the falling edge of CONVST
initiates a conversion and at the end of conversion the falling
edge of EOC is used to initiate an Interrupt Service Routine
(ISR) on a microprocessor. (See Parallel Interface section for
more details.) VREF and VMID are connected to a voltage source
such as the AD780, while VDD is connected to a voltage source
that can vary from 4.5 V to 5.5 V. (See Table I in Analog Input
section.) When VDD is first connected, the AD7822, AD7825, and
AD7829 power up in a low current mode, i.e., power-down, with
the default logic level on the EOC pin on the AD7822 and
AD7825 equal to a low. Ensure the CONVST line is not floating
when VDD is applied, as this could put the AD7822/AD7825/
AD7829 into an unknown state. A suggestion is to tie CONVST
to VDD or DGND through a pull-up or pull-down resistor. A rising
edge on the CONVST pin will cause the AD7829 to fully power up
while a rising edge on the PD pin will cause the AD7822 and
AD7825 to fully power up. For applications where power
consumption is of concern, the automatic power-down at the
end of a conversion should be used to improve power performance.
(See Power-Down Options section of the data sheet.)
SUPPLY
4.5V TO 5.5V
10 F
0.1 F
VDD
VREF
VMID
VIN1
1.25V TO
3.75V INPUT
VIN2
VIN4(8)
AGND
DB0–DB7
EOC
RD
CS
CONVST
A0
A1
A2
PD
PARALLEL
INTERFACE
C/ P
AD7822/
AD7825/
AD7829
DGND
2.5V
AD780
Figure 5. Typical Connection Diagram


Similar Part No. - AD7822BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7822BR AD-AD7822BR Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822BR-REEL AD-AD7822BR-REEL Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822BR-REEL7 AD-AD7822BR-REEL7 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822BRU AD-AD7822BRU Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822BRU-REEL AD-AD7822BRU-REEL Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
More results

Similar Description - AD7822BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827 AD-AD7827 Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com