Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFMP0207T1000FN Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MFMP0207T1000FN
Description  Metal Film Precision MELF Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MFMP0207T1000FN Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MFMP0207T1000FN Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MFMP0207T1000FN Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
■ Standard Electrical Specifications
Resistance Range
Item
Type
Power
Rating
at 70°C
Operating
Temp.
Range
Max.
Operating
Voltage
Max.
Overload
Voltage
±0.1%
±0.25%
±0.5%
±1%
±5%
TCR
(PPM/°C)
100Ω-20KΩ
10Ω-20KΩ
±10
100Ω-100KΩ
10Ω-100KΩ
±15
100Ω-270KΩ 10Ω-330KΩ 4.7Ω-560KΩ
4.7Ω-1MΩ
±25
100Ω-270KΩ 1Ω-330KΩ
1Ω-1MΩ
1Ω-10MΩ
±50
5.11MΩ-10MΩ
-
0204
1/4W
-55 ~
+155°C
200V
400V
-
0.1Ω-0.91Ω
±100
100Ω-20KΩ
10Ω-20KΩ
±10
100Ω-100KΩ
10Ω-100KΩ
±15
100Ω-400KΩ 10Ω-400KΩ 10Ω-560KΩ
10Ω-560KΩ
±25
100Ω-400KΩ 1Ω-330KΩ
1Ω-1MΩ
1Ω-5.1MΩ
±50
0207
1/2W
-55 ~
+155°C
300V
500V
-
0.1Ω-0.91Ω
±100
■High Power Rating Electrical Specifications
Resistance Range
Item
Type
Power
Rating
at 70
°C
Operating
Temp.
Range
Max.
Operating
Voltage
Max.
Overload
Voltage
±0.1%
±0.25%
±0.5%
±1%
±5%
TCR
(PPM/
°C)
100Ω-100KΩ
10Ω-100KΩ
±15
100Ω-100KΩ 4.7Ω - 1MΩ 4.7Ω - 1MΩ
4.7Ω-560KΩ
±25
100Ω-100KΩ 10Ω - 1MΩ
1Ω - 1MΩ
1Ω - 2.2MΩ
±50
0207
1W
-55 ~
+155°C
350V
700V
-
0.1Ω – 0.91Ω
±100
■Environmental Characteristics
Item
Requirement
Test Method
Temperature Coefficient of
Resistance (T.C.R.)
As Spec.
+20/-15/+20/+100/+20°C
Short Time Overload
R±0.5%
RCWV*2.5 or Max. overload voltage for 5 seconds
Endurance
R±2%
70±2°C, Max. working voltage for 1000 hrs with 1.5 hrs
“ON” and 0.5 hrs “OFF”
Humidity
with Loa
40±2°C, 90~95% R.H. Max. working voltage for 1000 hrs
with 1.5 hrs “ON” and 0.5 hrs “OFF”
Dry Heat
R±2%
at +155°C for 1000 hrs
Solderability
95%min. coverage
245±5°C for 3 seconds
Resistance to Soldering Heat
R±0.5%
260±5°C for 10 seconds
Reference Standards: JIS-C 5201-1
Storage Temperature: 25±3
°C; Humidity < 80%RH
R±2%
REV. 6B
REV. 6B
2
REV. 6B
REV. 6B


Similar Part No. - MFMP0207T1000FN

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MFM MERITEK-MFM Datasheet
428Kb / 2P
   Metal Film MELF Resistor
logo
Mean Well Enterprises C...
MFM-05 MEANWELL-MFM-05 Datasheet
568Kb / 4P
   5W High Reliable Green Medical On Board Type
MFM-05-12 MEANWELL-MFM-05-12 Datasheet
568Kb / 4P
   5W High Reliable Green Medical On Board Type
MFM-05-15 MEANWELL-MFM-05-15 Datasheet
568Kb / 4P
   5W High Reliable Green Medical On Board Type
MFM-05-24 MEANWELL-MFM-05-24 Datasheet
568Kb / 4P
   5W High Reliable Green Medical On Board Type
More results

Similar Description - MFMP0207T1000FN

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RJM74P0R1JC2T TOKEN-RJM74P0R1JC2T Datasheet
317Kb / 3P
   RJM Metal Film Precision Melf Resistors
RJM TOKEN-RJM Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
logo
RCD COMPONENTS INC.
MGP50S-R100-F RCD-MGP50S-R100-F Datasheet
40Kb / 1P
   METAL FILM MELF RESISTORS
logo
NIC-Components Corp.
NFR NIC-NFR Datasheet
96Kb / 6P
   Metal Film MELF Resistors
logo
KOA Speer Electronics, ...
RN41 KOA-RN41 Datasheet
562Kb / 3P
   fixed metal film melf resistors
logo
Vishay Siliconix
MMB0207 VISHAY-MMB0207 Datasheet
188Kb / 13P
   Precision Thin Film MELF Resistors
01-Jan-2022
logo
KOA Speer Electronics, ...
RN412BTTE1002J50 KOA-RN412BTTE1002J50 Datasheet
256Kb / 2P
   fixed metal film melf resistors
RN412AT KOA-RN412AT Datasheet
99Kb / 2P
   fixed metal film melf resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com