Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7168GU-E2 Datasheet(PDF) 4 Page - Rohm

Part # BD7168GU-E2
Description  USB Switching Charger IC Integrating a USB Adapter Automatic Detection Function
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7168GU-E2 Datasheet(HTML) 4 Page - Rohm

  BD7168GU-E2 Datasheet HTML 1Page - Rohm BD7168GU-E2 Datasheet HTML 2Page - Rohm BD7168GU-E2 Datasheet HTML 3Page - Rohm BD7168GU-E2 Datasheet HTML 4Page - Rohm BD7168GU-E2 Datasheet HTML 5Page - Rohm BD7168GU-E2 Datasheet HTML 6Page - Rohm BD7168GU-E2 Datasheet HTML 7Page - Rohm BD7168GU-E2 Datasheet HTML 8Page - Rohm BD7168GU-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
4/57
BD7168GU
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
TSZ02201-0Q2Q0A400070-1-2
20012.10.09 Rev.001
 Entire system
Electric characteristics (VBUS = 5.0 V, VBAT = 3.6 V, and Ta = 25℃unless otherwise specified)
Item
Symbol
Standard value
Unit
Condition
Minimum
Standard
Maximum
【Entire system】
VBAT leakage current 1
IBAT_L1
-
0.05
1
μA
USB OPEN 時
VBAT leakage current 2
IBAT_L2
-
10
20
uA
CHARGE Disenable
VBUS leakage current
IBUS_L
-
1.5
2.5
mA
USB SUSPEND
VREG output voltage
VREG
3.1
3.225
3.35
V
IVREG=1mA
VREG UVLO detection
voltage
VREG_UVLO
2.375
2.5
2.625
V
VREG↓detection
VREG UVLO hysteresis
VREG_UVLO_hys
50
100
200
mV
VREG↑detection
VREG UVLOD detection
voltage
VREG_UVLOD
1.8
1.9
2.0
V
VREG↓detection
VREG UVLOD
hysteresis
VREG_UVLOD_hys
50
100
200
mV
VREG↑detection
INT_B output Low voltage
VINT_L
-
-
0.4
V
IINT_B = 5mA
INT_B leakage current
IINT_L
-
-
1
μA
VINT_B = 5V
【Control unit】
IUSET1,2 control voltage L
VUSET_L
-
-
0.4
V
IUSET1,2 control voltage H
VUSET_H
1.6
-
-
V
CEN control voltage L
VCEN_L
-
-
0.4
V
CHARGE Enable
CEN control voltage H
VCEN_H
1.6
-
-
V
CHARGE Disenable
USUS control voltage L
VUSUS_L
-
-
0.4
V
CHARGE Enable
USUS control voltage H
VUSUS_H
1.6
-
-
V
CHARGE Disenable
XPWR_RST control voltage
L
VXPWRR_L
-
-
0.4
V
XPWR_RST control voltage
H
VXPWRR_H
1.6
-
-
V
 OVP unit
● Electric characteristics (VBUS = 5.0 V, VBAT = 3.6 V, and Ta = 25℃ unless otherwise specified)
Item
Symbol
Standard value
Standa
rd
value
Standard value
Minimum
Minimum
Minimum
【OVP unit】
VBUS UVLO detection
voltage
VBUS_UVLO
3.52
3.7
3.88
V
VBUS↓detection
VBUS UVLO hysteresis
VBUS_UVLOhys
150
200
250
mV
VBUS↑detection
VBUS OVP detection
voltage
VBUS_OVP
5.7
5.85
6.0
V
VBUS↑detection
VBUS OVP hysteresis
VBUS_OVPhys
50
100
150
mV
VBUS↓detection
Output voltage startup time
TVBUS_ON
-
5
10
msec
Output voltage OFF time
TVBUS_OFF
-
1
5
μsec
VBUS -VIN ON resistance
RON_VBUS
60
125
250
VBUS-VIN leakage current
Ileak_VBUS
-
-
1
μA
VBUS→VIN leak current
USBOK output Low voltage
VUSBOK_ON
-
-
1.0
V
IUSBOK =1mA
USBOK leakage current
IUSBOKL
-
-
1
μA
【NVP unit (A clamper for a protection of -28V PMOS VGS】
Clamp voltage
VZ
8
11
14
V
Pull down resistance
RPD
10
20
30
◎Radiation-resistant design is not adopted.


Similar Part No. - BD7168GU-E2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD710 STMICROELECTRONICS-BD710 Datasheet
261Kb / 5P
   NPN POWER TRANSISTORS
logo
Savantic, Inc.
BD710 SAVANTIC-BD710 Datasheet
92Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BD710 ISC-BD710 Datasheet
133Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
BD710 NJSEMI-BD710 Datasheet
102Kb / 2P
   silicon epitaxial-base NPN power transistors in Jedec TO-220 plastic package
logo
STMicroelectronics
BD711 STMICROELECTRONICS-BD711 Datasheet
97Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - BD7168GU-E2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
   USB charger detection interface
logo
SHENZHEN FUMAN ELECTRON...
9016R FUMAN-9016R Datasheet
285Kb / 5P
   USB charger IC
logo
Microchip Technology
USB375X MICROCHIP-USB375X Datasheet
446Kb / 31P
   USB 2.0 Protection IC with Battery Charger Detection
03/25/14
logo
SHENZHEN FUMAN ELECTRON...
9017R FUMAN-9017R Datasheet
231Kb / 5P
   USB charger IC
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
   USB Charger Adapter Emulators
Rev 1; 3/13
logo
E-CMOS Corporation
EC49021 E-CMOS-EC49021 Datasheet
154Kb / 6P
   USB Charger Enhance IC
logo
ON Semiconductor
FSA832 ONSEMI-FSA832 Datasheet
397Kb / 11P
   USB 2.0 High-Speed Charger Detection IC with Isolation Switch
August 2014 Rev. 1.0.1
logo
Maxim Integrated Produc...
MAX14667 MAXIM-MAX14667 Datasheet
558Kb / 9P
   Dual USB Charger Adapter Emulator
Rev 0; 6/13
logo
Assmann Electronics Inc...
A-USB-3-R ASSMANN-A-USB-3-R Datasheet
86Kb / 1P
   USB B - USB A ADAPTER
logo
Fairchild Semiconductor
FSA9485 FAIRCHILD-FSA9485 Datasheet
616Kb / 4P
   USB Port Multimedia Switch Featuring Automatic Switching and Accessory Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com