Electronic Components Datasheet Search |
|
BD9584F-E Datasheet(PDF) 2 Page - Rohm |
|
BD9584F-E Datasheet(HTML) 2 Page - Rohm |
2 / 14 page Datasheet Datasheet 2/11 BD9584F TSZ02201-0RCR1GZ00030-1-2 © 2012 ROHM Co., Ltd. All rights reserved. 2012.10.30 Rev.001 www.rohm.co.jp TSZ22111・15・001 SOP8 (TOP VIEW) 1 2 3 4 8 7 6 5 IN GND TRC1 VR VS OS NR TRC2 1234 8765 VCC Ctrl Latch Block Reset Ctrl ●Pin Configurations ●Block Diagrams ●Pin Descriptions Pin No. Symbol Function 1 GND Ground 2 IN Input 3 VR Reference voltage 4 TRC1 Capacitor connection for negative side detection 5 TRC2 Capacitor connection for positive side detection 6 NR Capacitor connection for false signal detection 7 OS Output 8 VS Power supply ●Absolute Maximum Ratings (Ta=25℃) Parameter Symbol Rating Unit Supply current *1 IS 12.5 mA Supply voltage VS 36 V Input terminal voltage VVR/IN 25 V TRC1/TRC2/NR/OS terminal voltage VTRC1/TRC2/NR/OS 8 V Power dissipation Pd 680 *2 mW Storage temperature Tstg - 55 to +150 ℃ *1 The power-supply voltage is limited by the internal clamping circuit. *2 To use at temperature above Ta=25℃ reduce 5.5mW/℃. Mounted on a glass epoxy PCB (70mm×70mm×1.6mm) ●Recommended Operating Ratings Parameter Symbol Limits Unit Supply voltage VS 8 to 20 V Operating temperature Topr - 20 to +90 ℃ |
Similar Part No. - BD9584F-E |
|
Similar Description - BD9584F-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |