Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSA1XX02002 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MSA1XX02002
Description  Surge Absorber(Spark Gap)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MSA1XX02002 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MSA1XX02002 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MSA1XX02002 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSION
ELECTRICAL CHARACTERISTICS
Note: Vs±XX%
Surge Absorber
(Spark Gap)
MSA Series
MSA1 SERIES
FEATURES
Response time<1ns
MSA1 Surge Current is 3000A
Stable and very Small electrostatic capacitance (<0.8pf) and great
isolation(>100M)
Standard protection required by US UL497A and UL497B
Small size
Item
MSA1
4.0±0.5
5.3±0.5
7.0±0.5
L1
28.0±3.0
φ3.1±0.5
φ4.1±0.3
d
φ0.5±0.05
L
D
DC
Spark- Over
Volta ge
Max im u
Capacitance
(1 KHz -6 VMAX)
Surge curren t
capacit y
Surge Life
Te st
Vs
(V )
Te st Voltage
(V )
Irohm
(M
Ω )
C
(pF)
8/20µ s (A)
8/20µ s, 100A
MS A1 X X00702
140
50
100
0.8
MS A1 X X01502
300
250
100
0.8
MS A1 X X02002
400
250
100
0.8
MS A1 X X02502
500
500
100
0.8
MS A1 X X03502
700
500
100
0.8
MS A1 X X05002
1000
500
100
0.8
MS A1 X X07502
1500
500
100
0.8
MS A1 X X09002
1800
500
100
0.8
MS A1 X X10002
2000
500
100
0.8
MS A1 X X12002
2400
500
100
0.8
MS A1 X X13502
2700
500
100
0.8
MS A1 X X15002
3000
500
100
0.8
MS A1 X X18002
3600
500
100
0.8
MS A1 X X20002
4000
500
100
0.8
MS A1 X X22502
4500
500
100
0.8
MS A1 X X25002
5000
500
100
0.8
PA RT NU MBE R
Minim um
Insula tion R esistance
3000
250 times


Similar Part No. - MSA1XX02002

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MSA1XX02002-MS MERITEK-MSA1XX02002-MS Datasheet
108Kb / 2P
   Surge Absorber (Spark Gap)
More results

Similar Description - MSA1XX02002

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MSA1-MS MERITEK-MSA1-MS Datasheet
108Kb / 2P
   Surge Absorber (Spark Gap)
MSA1-M MERITEK-MSA1-M Datasheet
87Kb / 1P
   Surge Absorber (Spark Gap)
MSA2-M MERITEK-MSA2-M Datasheet
89Kb / 1P
   Surge Absorber (Spark Gap)
MSA3-M MERITEK-MSA3-M Datasheet
86Kb / 1P
   Surge Absorber (Spark Gap)
MSA2 MERITEK-MSA2 Datasheet
93Kb / 2P
   Surge Absorber (Spark Gap)
MSA3 MERITEK-MSA3 Datasheet
91Kb / 2P
   Surge Absorber (Spark Gap)
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
logo
Okaya Electric America,...
RSG-502-BKL OKAYA-RSG-502-BKL Datasheet
112Kb / 6P
   Rodan Spark Gap
logo
EPCOS
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com