Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0463100000 Datasheet(PDF) 2 Page - Weidmuller

Part # 0463100000
Description  Wire-end ferrule, 1.5 mm짼, 8 mm, Colour code: Weidm체ller, red
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0463100000 Datasheet(HTML) 2 Page - Weidmuller

  0463100000 Datasheet HTML 1Page - Weidmuller 0463100000 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product catalogue | Tools | Wire end ferrules | Wire end ferrules with plastic collar | Conductor nom. cross-section 1.5mm²
| packed loose in polythene bag
- 2 -
Classifications
eClass 5.1
27-40-02-01
Similar products
Order No.
Part designation
Version
9019120000
H1,5/14D SW
Wire-end ferrule, 1.5 mm², 8 mm, Colour code: DIN, black
0635100000
H1,5/16 R
Wire-end ferrule, 1.5 mm², 10 mm, Colour code: Weidmüller, red
9019130000
H1,5/16D SW
Wire-end ferrule, 1.5 mm², 10 mm, Colour code: DIN, black
9019140000
H1,5/18D SW
Wire-end ferrule, 1.5 mm², 12 mm, Colour code: DIN, black
0565600000
H1,5/24 R
Wire-end ferrule, 1.5 mm², 18 mm, Colour code: Weidmüller, red
9019150000
H1,5/24D SW
Wire-end ferrule, 1.5 mm², 18 mm, Colour code: DIN, black


Similar Part No. - 0463100000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0463100000 WEIDMULLER-0463100000 Datasheet
899Kb / 20P
   Accessories
More results

Similar Description - 0463100000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0463000000 WEIDMULLER-0463000000 Datasheet
55Kb / 2P
   Wire-end ferrule, 1 mm짼, 8 mm, Colour code: Weidm체ller, yellow
0462900000 WEIDMULLER-0462900000 Datasheet
55Kb / 2P
   Wire-end ferrule, 0.75 mm짼, 8 mm, Colour code: Wire-end ferrule, 0.75 mm짼, 8 mm, Colour code:
0409700000 WEIDMULLER-0409700000 Datasheet
55Kb / 2P
   Wire-end ferrule, 1 mm짼, 6 mm, Colour code: Weidm체ller, yellow
0533500000 WEIDMULLER-0533500000 Datasheet
55Kb / 2P
   Wire-end ferrule, 6 mm짼, 12 mm, Colour code: Weidm체ller, black
0409500000 WEIDMULLER-0409500000 Datasheet
55Kb / 2P
   Wire-end ferrule, 0.5 mm짼, 6 mm, Colour code: Weidm체ller, Orange
0409600000 WEIDMULLER-0409600000 Datasheet
56Kb / 2P
   Wire-end ferrule, 0.75 mm짼, 6 mm, Colour code: Weidm체ller, white
0534200000 WEIDMULLER-0534200000 Datasheet
55Kb / 2P
   Wire-end ferrule, 10 mm짼, 12 mm, Colour code: Weidm체ller, Ivory
0317000000 WEIDMULLER-0317000000 Datasheet
55Kb / 2P
   Wire-end ferrule, 25 mm짼, 16 mm, Colour code: Weidmuller, brown
9025390000 WEIDMULLER-9025390000 Datasheet
223Kb / 2P
   Assortment of wire end ferrules, Box, Colour code: Weidm체ller
September 28, 2021
9025410000 WEIDMULLER-9025410000 Datasheet
152Kb / 2P
   Assortment of wire end ferrules, Box, Colour code: Weidm체ller
September 28, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com