Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPTR16V700H Datasheet(PDF) 6 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTR16V700H
Description  Polymeric PTC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTR16V700H Datasheet(HTML) 6 Page - MERITEK ELECTRONICS CORPORATION

Back Button MPTR16V700H Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPTR16V700H Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPTR16V700H Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPTR16V700H Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPTR16V700H Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPTR16V700H Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPTR16V700H Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MPTR16V700H Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION MPTR16V700H Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Figure 1
Lead Size: 24AWG
Φ 0.51 mm Diameter
Product Dimensions (Millimeters)
MPTR30V
A
B
C
D
E
F
Part
Number
Figure
Maximum
Maximum
Typical
Minimum
Maximum
Typical
MPTR30V050H
1
7.4
12.7
5.1
7.6
3.0
1.2
MPTR30V070H
2
6.9
10.8
5.1
7.6
3.0
1.2
MPTR30V100H
1
9.7
13.6
5.1
7.6
3.0
1.2
MPTR16V200H
1
9.4
14.4
5.1
7.6
3.0
1.2
MPTR16V300H
3
8.8
13.8
5.1
7.6
3.0
1.2
MPTR16V400H
3
10.0
15.0
5.1
7.6
3.0
1.2
MPTR16V450H
3
10.4
15.6
5.1
7.6
3.0
1.2
MPTR16V550H
3
11.2
18.9
5.1
7.6
3.0
1.2
MPTR16V600H
3
11.2
21.0
5.1
7.6
3.0
1.2
MPTR16V650H
3
12.7
22.2
5.1
7.6
3.0
1.2
MPTR16V700H
3
14.0
21.9
5.1
7.6
3.0
1.2
MPTR16V750H
3
14.0
23.5
5.1
7.6
3.0
1.2
MPTR16V800H
3
16.5
22.5
5.1
7.6
3.0
1.2
MPTR16V900H
3
16.5
25.7
5.1
7.6
3.0
1.2
MPTR16V1000H
3
17.5
26.5
10.2
7.6
3.0
1.2
MPTR16V1100H
3
21.0
26.1
10.2
7.6
3.0
1.2
MPTR16V1300H
4
23.5
28.7
10.2
7.6
3.6
1.4
MPTR16V1400H
4
23.5
28.7
10.2
7.6
3.6
1.4
MPTR16V1500H
4
23.5
28.7
10.2
7.6
3.6
1.4
MPTR Series
Polymeric PTC
Figure 2
Lead Size: 20AWG
Φ 0.81 mm Diameter
Figure 3
Lead Size: 20AWG
Φ 0.81 mm Diameter
Figure 4
Lead Size: 18AWG
Φ 1.0 mm Diameter
Rev.7


Similar Part No. - MPTR16V700H

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MPT DBLECTRO-MPT Datasheet
143Kb / 2P
   Metallized Polyester Film Capacitor (Tubular)
logo
Microsemi Corporation
MPT-10 MICROSEMI-MPT-10 Datasheet
89Kb / 2P
   TRANSIENT ABSORPTION ZENER
MPT-10C MICROSEMI-MPT-10C Datasheet
89Kb / 2P
   TRANSIENT ABSORPTION ZENER
MPT-12 MICROSEMI-MPT-12 Datasheet
89Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Astrodyne Corporation
MPT-120 ASTRODYNE-MPT-120 Datasheet
390Kb / 3P
   120W 1~4 Output for Medical Type
More results

Similar Description - MPTR16V700H

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MPTS-S MERITEK-MPTS-S Datasheet
453Kb / 20P
   Polymeric PTC
MPSR MERITEK-MPSR Datasheet
268Kb / 4P
   Polymeric PTC
MPTS-R MERITEK-MPTS-R Datasheet
453Kb / 20P
   Polymeric PTC
MPRV MERITEK-MPRV Datasheet
325Kb / 8P
   Polymeric PTC
MPTH MERITEK-MPTH Datasheet
330Kb / 8P
   Polymeric PTC
logo
NTE Electronics
NTE16000-ECG NTE-NTE16000-ECG Datasheet
90Kb / 4P
   Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
logo
Bourns Electronic Solut...
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
   Polymeric Thermal Cutoff Device
logo
UN Semiconducctor INC
PESD2510E UNSEMI-PESD2510E Datasheet
4Mb / 7P
   Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
logo
TECH PUBLIC Electronics...
TPESD0201G TECHPUBLIC-TPESD0201G Datasheet
5Mb / 6P
   Surface Mount Polymeric ESD Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com