Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPTS1812L075-33R Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTS1812L075-33R
Description  Polymeric PTC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTS1812L075-33R Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MPTS1812L075-33R Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPTS1812L075-33R Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPTS1812L075-33R Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPTS1812L075-33R Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPTS1812L075-33R Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPTS1812L075-33R Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPTS1812L075-33R Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPTS1812L075-33R Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MPTS1812L075-33R Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Feature and Applications
UL E223037
ROHS Compliant & Halogen Free
Excellent for high density applications
Surface Mount, 0805, 1206, 1210, 1812, 2920
Faster time to trip than standard SMD devices
Lower resistance than standard SMD devices
Operation Current: 0.05A ~ 3.0A
Maximum Voltage: 6V ~ 60V
Temperature Range: -40ºC to 85ºC
MPTS
0805
L
10
Meritek Series
Size
0805
1206
1210
1812
2920
Current rating
Polymeric PTC
MPTS Series
Rev.7


Similar Part No. - MPTS1812L075-33R

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MPTS1812L075-33R MERITEK-MPTS1812L075-33R Datasheet
453Kb / 20P
   Polymeric PTC
More results

Similar Description - MPTS1812L075-33R

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MPSR MERITEK-MPSR Datasheet
268Kb / 4P
   Polymeric PTC
MPTR MERITEK-MPTR Datasheet
460Kb / 19P
   Polymeric PTC
MPTS-R MERITEK-MPTS-R Datasheet
453Kb / 20P
   Polymeric PTC
MPRV MERITEK-MPRV Datasheet
325Kb / 8P
   Polymeric PTC
MPTH MERITEK-MPTH Datasheet
330Kb / 8P
   Polymeric PTC
logo
NTE Electronics
NTE16000-ECG NTE-NTE16000-ECG Datasheet
90Kb / 4P
   Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
logo
Bourns Electronic Solut...
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
   Polymeric Thermal Cutoff Device
logo
UN Semiconducctor INC
PESD2510E UNSEMI-PESD2510E Datasheet
4Mb / 7P
   Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
logo
TECH PUBLIC Electronics...
TPESD0201G TECHPUBLIC-TPESD0201G Datasheet
5Mb / 6P
   Surface Mount Polymeric ESD Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com