Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA1206CG6R3Z6R3 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MA1206CG6R3Z6R3
Description  Multilayer Ceramic Chip Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MA1206CG6R3Z6R3 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MA1206CG6R3Z6R3 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MA1206CG6R3Z6R3 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MA1206CG6R3Z6R3 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MA1206CG6R3Z6R3 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MA1206CG6R3Z6R3 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MA1206CG6R3Z6R3 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MA1206CG6R3Z6R3 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MA1206CG6R3Z6R3 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MA1206CG6R3Z6R3 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PART NUMBERING SYSTEM
MA 1206 XR
103
K
500
Meritek Series
Size
Dielectric
CODE
CG
XR
XF
YV
C
0G (NP0)
X7R
X5R
Y5V
Capacitance
CODE
8R2
101
223
104
pF
8.2
100
22000
100000
nF
--
0.1
22
100
μF
--
--
0.022
0.1
Tolerance
CODE
Tolerance
CODE
Tolerance
CODE
Tolerance
B
±.1pF
C
±.25pF
D
±.5pF
F
±1%
G
±2%
J
±5%
K
±10%
M
±20%
Z
+80/-20%
For values less than 10 pF C or D tolerance preferred
Rated Voltage
2 significant digits + number of zeros.
Code
6R3
100
160
250
500
101
202
302
6.3V.........10V...........16V..........25V..........50V.........100V
C
ase Size
FEATURES AND APPLICATIONS
Dielectric
Features
Applications
C
0G
(NP
0)
Ultra-stable
Low dissipation factor
Tight tolerance available
Good frequency performance
No aging of capacitance
LC and RC tuned circuit
Filtering
Timing
X7R/X5R
Semi-stable high K
High volumetric efficiency
Highly reliable in high
temperature applications
High insulation resistance
Blocking
Coupling
Timing
Bypassing
Frequency discriminating
Filtering
Y5V
Highest volumetric efficiency
Non-polar construction
General purpose, high K
Bypassing
Decoupling
Filtering
Specifications are subject to change without notice.
MERITEK
Multilayer Ceramic Chip Capacitors
MA Series
T
W
L
MB
MB
Fig. The outline of MLCC
Size
Inch (mm
L (mm)
W (mm)
Tmax (mm)
MB min (mm)
0201 (0603)
0.60±0.03
0.3±0.03
0.30
0.10
0402 (1005)
1.00±0.05
0.50±0.05
0.55
0.15
0603 (1608)
1.60±0.15
0.80±0.15
0.95
0.20
0805 (2012)
2.00±0.20
1.25±0.20
1.45
0.30
3.20±0.20 1.
60±0.20
1.80
1206 (3216)
3.20+0.3/-0.1 1 .60+0.3/-0.1
1.90
0.30
1210 (3225)
3.20±0.40
2.50±0.30
2.80
0.30
1812 (4532)
4.50±0.40
3.20±0.30
2.80
0.26
1825 (4563)
4.50±0.40
6.30±0.40
3.00
0.30
2220 (5750)
5.70±0.40
5.00±0.40
3.00
0.30
2225 (5763)
5.70±0.40
6.30±0.40
3.00
0.30
1
Rev 7


Similar Part No. - MA1206CG6R3Z6R3

ManufacturerPart #DatasheetDescription
logo
RFE international
MA1206SXR104K500R RFE-MA1206SXR104K500R Datasheet
466Kb / 2P
   MULTILAYER CERAMIC CAPACITORS MA_ _ _ _S: Soft / Flex Terminations
2019.01.04
MA1206XR104K101A RFE-MA1206XR104K101A Datasheet
61Kb / 1P
   HOW TO ORDER Ceramic Disc & Multilayer CAPACITORS
MA1206XR104K101B RFE-MA1206XR104K101B Datasheet
61Kb / 1P
   HOW TO ORDER Ceramic Disc & Multilayer CAPACITORS
MA1206XR104K101R RFE-MA1206XR104K101R Datasheet
61Kb / 1P
   HOW TO ORDER Ceramic Disc & Multilayer CAPACITORS
MA1206XR104K500R RFE-MA1206XR104K500R Datasheet
94Kb / 2P
   CERAMIC CAPACITORS MA Series: Multilayer Surface Mount
More results

Similar Description - MA1206CG6R3Z6R3

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com