Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAQY217S Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KAQY217S
Description  PRODUCT SPECIFICATION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY217S Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KAQY217S_11 Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY217S_11 Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY217S_11 Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY217S_11 Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY217S_11 Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY217S_11 Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY217S_11 Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PRODUCT SPECIFICATION
DATE:05/02/2011
NO.62M00017
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQY217S
SHEET 4 OF 7
REV.
2
LED operate current vs.
ambient temperature
Load Voltage:200V(DC)
Continuous load current:180mA(DC)
LED Turn Off current vs.
ambient temperature
Load Voltage:200V(DC)
Continuous load current:180mA(DC)
-20
-40
0
1
3
2
4
20
040 60
5
80
0
-40
1
-20
0
3
2
4
5
60
20 40
80
Ambient temperature Ta(℃)
Ambient temperature Ta(℃)
LED dropout voltage vs.
ambient temperature
LED current:5 to 50mA
Voltage vs. current characteristics
of output at MOSFET portion
Measured portion:across terminals
3 and 4 pin
Ambient temperature:25℃
80
-20
-40
0
20 40 60
1.9
1.3
0
0.9
1.1
1.7
1.5
100
5mA
50mA
10mA
20mA
30mA
120
90
150
60
30
180
-4
-5
-2
-3
-1
5
4
23
1
Voltage V
-120
-180
-150
-60
-90
-30
Ambient temperature Ta(℃)
Ambient temperature:25℃


Similar Part No. - KAQY217S_11

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQY217STL COSMO-KAQY217STL Datasheet
254Kb / 12P
   4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY217STLD COSMO-KAQY217STLD Datasheet
254Kb / 12P
   4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY217STR COSMO-KAQY217STR Datasheet
254Kb / 12P
   4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY217STRU COSMO-KAQY217STRU Datasheet
254Kb / 12P
   4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

Similar Description - KAQY217S_11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com