Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAQY414 Datasheet(PDF) 6 Page - COSMO Electronics Corporation

Part # KAQY414
Description  PRODUCT SPECIFICATION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY414 Datasheet(HTML) 6 Page - COSMO Electronics Corporation

  KAQY414_11 Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY414_11 Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY414_11 Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY414_11 Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY414_11 Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY414_11 Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY414_11 Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PRODUCT SPECIFICATION
DATE:04/29/2011
NO.60M01002
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQY414
SHEET 6 OF 7
REV.
2
USING METHODS
Examples of resistance value to
control LED forward current(IF)
SSR-MOSFET OUTPUT
IF=5mA)
E
R4
3
2
1
E
R
3.3V
Approx. 330 Ω
5V
Approx. 640 Ω
12V
Approx. 1.9K Ω
15V
Approx. 2.5K Ω
24V
Approx. 4.1K Ω
1) LED forward current must be more than 5mA,at E min.
2) LED forward current must be less than 50mA,at E max.
Emin.
Emax.


Similar Part No. - KAQY414_11

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQY414 COSMO-KAQY414_15 Datasheet
254Kb / 12P
   4PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

Similar Description - KAQY414_11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com