Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBMX9PKNMBF224FO Datasheet(PDF) 2 Page - ITT Industries

Part # DBMX9PKNMBF224FO
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMX9PKNMBF224FO Datasheet(HTML) 2 Page - ITT Industries

  DBMX9PKNMBF224FO Datasheet HTML 1Page - ITT Industries DBMX9PKNMBF224FO Datasheet HTML 2Page - ITT Industries DBMX9PKNMBF224FO Datasheet HTML 3Page - ITT Industries DBMX9PKNMBF224FO Datasheet HTML 4Page - ITT Industries DBMX9PKNMBF224FO Datasheet HTML 5Page - ITT Industries DBMX9PKNMBF224FO Datasheet HTML 6Page - ITT Industries DBMX9PKNMBF224FO Datasheet HTML 7Page - ITT Industries DBMX9PKNMBF224FO Datasheet HTML 8Page - ITT Industries DBMX9PKNMBF224FO Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
C
C-2
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Series
Wire Gauge Range
AWG
Mating Cycles
RoHS confirm
Layout
Operating Voltage
Current Rating
(Amps)
Contact Resistance
Operating Temperature
Mil Salt Spray Test
Resistance in hours
Shell Material
Shell Finish
Insulator
Contact Type
Contact Material
Contact Finish
Page Number
D*NM
AWG 18 - 30
500
Available
9, 15, 25, 37, 50,
15, 26, 44, 62, 78, 104
(high density and Combo
D)
1000 VAC*
7,5 A max
10 milli Ohm max
-55°C/125°C
48 hours
Copper Alloy
Gold over Copper (K52)
Thermoplastic,
PCT UL94V-0
Turned
Copper Alloy
1,27
μm gold over copper
C-9
D- Subminiature
D*H
up to AWG 20
500
No
9, 15, 25, 37, 50
750 VAC*
7,5 A max
15 milli Ohm max
-55°C/125°C
48 hours
Steel
Electo-deposited tin over
cadmium over copper flash
Compression Glass
Turned
Steel
Electo-deposited tin over
cadmium over copper flash
J-45
MIL-DTL-24308
AWG 18 - 30
500
No
9, 15, 25, 37, 50,
15, 26, 44, 62, 78
(high density )
1700 VAC*
7,5 A max
10 milli Ohm max
-50°C/150°C
48 hours
Steel
Yellow Chromate over
Cadmium or Zinc
Thermoplastic,
PCT UL 94V-0
Turned
Copper Alloy
1,27 µm gold
C-11
D Subminiature Selector Guide
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 2


Similar Part No. - DBMX9PKNMBF224FO

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBM-13W3P-1A0N-K87 ITT-DBM-13W3P-1A0N-K87 Datasheet
9Mb / 301P
   D Subminiature Connectors
DBM-13W3P-NMB-76 ITT-DBM-13W3P-NMB-76 Datasheet
9Mb / 301P
   D Subminiature Connectors
DBM-13W3P-NMC-76 ITT-DBM-13W3P-NMC-76 Datasheet
9Mb / 301P
   D Subminiature Connectors
DBM-13W3P-OL2-K87 ITT-DBM-13W3P-OL2-K87 Datasheet
9Mb / 301P
   D Subminiature Connectors
DBM-13W3S-1A0N-A197 ITT-DBM-13W3S-1A0N-A197 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DBMX9PKNMBF224FO

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
DC-8075 BUD-DC-8075 Datasheet
101Kb / 1P
   MISSION CRITICAL CABINET
logo
Fujitsu Component Limit...
2400E3 FUJITSU-2400E3 Datasheet
467Kb / 9P
   Fujitsu Server PRIMEQUEST 2400E3 Mission Critical
2800E3 FUJITSU-2800E3 Datasheet
579Kb / 9P
   Fujitsu Server PRIMEQUEST 2800E3 Mission Critical
logo
Lanner All Rights Reser...
PGN-750 LANNER-PGN-750 Datasheet
341Kb / 1P
   Swappable 5G Radio Modem for Mission-Critical Communications
v4-2022,12,16
logo
AVX Corporation
1002857 AVX-1002857 Datasheet
428Kb / 3P
   EtherHelix™™ Mission Critical GPS Antenna
9/19/2019
logo
STMicroelectronics
AN4274 STMICROELECTRONICS-AN4274 Datasheet
409Kb / 13P
   The serial communication driver between
logo
Dialight Corporation
598-8170-102F DIALIGHT-598-8170-102F Datasheet
1Mb / 16P
   40 Years of LED Experience
logo
Tripp Lite. All Rights ...
SU10K TRIPPLITE-SU10K Datasheet
151Kb / 4P
   SmartOnline UPS System - True online power for mission critical applications
logo
STMicroelectronics
AN4178 STMICROELECTRONICS-AN4178 Datasheet
109Kb / 13P
   LIN communication with two STM8AF boards of STM8A-DISCOVERY
AN969 STMICROELECTRONICS-AN969 Datasheet
64Kb / 10P
   SCI COMMUNICATION BETWEEN ST7 AND PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com