Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7851KN Datasheet(PDF) 2 Page - Analog Devices

Part # AD7851KN
Description  14-Bit 333 kSPS Serial A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851KN Datasheet(HTML) 2 Page - Analog Devices

  AD7851KN Datasheet HTML 1Page - Analog Devices AD7851KN Datasheet HTML 2Page - Analog Devices AD7851KN Datasheet HTML 3Page - Analog Devices AD7851KN Datasheet HTML 4Page - Analog Devices AD7851KN Datasheet HTML 5Page - Analog Devices AD7851KN Datasheet HTML 6Page - Analog Devices AD7851KN Datasheet HTML 7Page - Analog Devices AD7851KN Datasheet HTML 8Page - Analog Devices AD7851KN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
REV. A
–2–
AD7851–SPECIFICATIONS1, 2
A Grade: fCLKIN = 7 MHz (–40 C to +85 C), fSAMPLE = 333 kHz; K Grade: fCLKIN = 6 MHz
(0 C to +85 C), fSAMPLE = 285 kHz; A and K Grade: fCLKIN = 5 MHz (to +125 C), fSAMPLE =
238 kHz; (AVDD = DVDD = +5.0 V
5%, REFIN/REFOUT = 4.096 V External Reference; SLEEP = Logic High; TA = TMIN to TMAX, unless otherwise noted)
Parameter
A
1
K
1
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
Signal-to-Noise + Distortion Ratio
3 (SNR)
77
78
dB min
Typically SNR is 79.5 dB
VIN = 10 kHz, Sine Wave, fSAMPLE = 333 kHz
Total Harmonic Distortion (THD)
–86
–86
dB max
VIN = 10 kHz, Sine Wave, fSAMPLE = 333 kHz,
Typically –96 dB
Peak Harmonic or Spurious Noise
–87
–87
dB max
VIN = 10 kHz, fSAMPLE = 333 kHz
Intermodulation Distortion (IMD)
Second Order Terms
–86
–90
dB typ
fa = 9.983 kHz, fb = 10.05 kHz, fSAMPLE = 333 kHz
Third Order Terms
–86
–90
dB typ
fa = 9.983 kHz, fb = 10.05 kHz, fSAMPLE = 333 kHz
Full Power Bandwidth
20
20
MHz typ
@ 3 dB
DC ACCURACY
Resolution
14
14
Bits
Integral Nonlinearity
± 2
± 1
LSB max
Differential Nonlinearity
± 2
± 1
LSB max
Guaranteed No Missed Codes to 14 Bits
Unipolar Offset Error
±10
±10
LSB max
Review: “Adjusting the Offset Calibration
Positive Full-Scale Error
±10
±10
LSB max
Register” in the “Calibration Registers” section
Negative Full-Scale Error
±10
±10
LSB typ
of the data sheet.
Bipolar Zero Error
± 1
± 1
LSB typ
ANALOG INPUT
Input Voltage Ranges
0 V to VREF 0 V to VREF
Volts
i.e., AIN(+) – AIN(–) = 0 V to VREF, AIN(–) can be
biased up but AIN(+) cannot go below AIN(–).
±V
REF/2
±V
REF/2
Volts
i.e., AIN(+) – AIN(–) = –VREF/2 to +VREF/2, AIN(–)
should be biased up and AIN(+) can go below
AIN(–) but cannot go below 0 V.
Leakage Current
± 1
± 1
µA max
Input Capacitance
20
20
pF typ
REFERENCE INPUT/OUTPUT
REFIN Input Voltage Range
4/VDD
4/VDD
V min/max
Functional from 1.2 V
Input Impedance
150
150
k
Ω typ
Resistor Connected to Internal Reference Node
REFOUT Output Voltage
3.696/4.496 3.696/4.496
V min/max
REFOUT Tempco
50
50
ppm/
°C typ
LOGIC INPUTS
Input High Voltage, VINH
VDD – 1.0
VDD – 1.0
V min
Input Low Voltage, VINL
0.4
0.4
V max
Input Current, IIN
±10
±10
µA max
VIN = 0 V or VDD
Input Capacitance, CIN
5
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDD – 0.4
VDD – 0.4
V min
ISOURCE = 200 µA
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 0.8 mA
Floating-State Leakage Current
±10
±10
µA max
Floating-State Output Capacitance
5
10
10
pF max
Output Coding
Straight (Natural) Binary
Unipolar Input Range
2s Complement
Bipolar Input Range
CONVERSION RATE
Conversion Time
2.78
3.25
µs max
19.5 CLKIN Cycles
Conversion + T/H Acquisition Time
3.0
3.5
µs max
21 CLKIN Cycles Throughput Rate


Similar Part No. - AD7851KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7851KN AD-AD7851KN Datasheet
366Kb / 36P
   14-Bit 333 kSPS Serial A/D Converter
REV. B
AD7851KN AD-AD7851KN Datasheet
431Kb / 37P
   14-Bit 333 kSPS Serial A/D Converter
More results

Similar Description - AD7851KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7851 AD-AD7851_15 Datasheet
366Kb / 36P
   14-Bit 333 kSPS Serial A/D Converter
REV. B
AD7851 AD-AD7851_17 Datasheet
431Kb / 37P
   14-Bit 333 kSPS Serial A/D Converter
AD7851ARZ AD-AD7851ARZ Datasheet
366Kb / 36P
   14-Bit 333 kSPS Serial A/D Converter
REV. B
logo
National Semiconductor ...
ADC141S626 NSC-ADC141S626 Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC141S625 TI1-ADC141S625_14 Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
logo
Analog Devices
5962-9316401MXA AD-5962-9316401MXA Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674 Datasheet
255Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674BRZ AD-AD1674BRZ Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_15 Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_17 Datasheet
289Kb / 13P
   12-Bit 100 kSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com