Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1P061FJ-E Datasheet(PDF) 2 Page - Rohm

Part # BM1P061FJ-E
Description  PWM Control type DC/DC converter IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P061FJ-E Datasheet(HTML) 2 Page - Rohm

  BM1P061FJ-E Datasheet HTML 1Page - Rohm BM1P061FJ-E Datasheet HTML 2Page - Rohm BM1P061FJ-E Datasheet HTML 3Page - Rohm BM1P061FJ-E Datasheet HTML 4Page - Rohm BM1P061FJ-E Datasheet HTML 5Page - Rohm BM1P061FJ-E Datasheet HTML 6Page - Rohm BM1P061FJ-E Datasheet HTML 7Page - Rohm BM1P061FJ-E Datasheet HTML 8Page - Rohm BM1P061FJ-E Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2/18
Datasheet
Datasheet
BM1P061FJ / BM1P062FJ / BM1P101FJ / BM1P102FJ
TSZ02201-0F2F0A200090-1-2
22.NOV.2012.Rev.003
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
●Absolute Maximum Ratings(Ta=25
°C)
Parameter
Symbol
Rating
Unit
Conditions
Maximum voltage 1
Vmax1
-0.3~30.0
V
VCC
Maximum voltage 2
Vmax2
-0.3~6.5
V
CS, FB, ACMONI
Maximum voltage 3
Vmax3
-0.3~15.0
V
OUT
Maximum voltage 4
Vmax4
-0.3~650
V
VH
OUT Pin Peak Current
IOUT
±1.0
A
Allowable dissipation
Pd
674.9 (Note1)
mW
When implemented
Operating
temperature range
Topr
-40 ~ +85
oC
Storage
temperature range
Tstr
-55 ~ +150
oC
(Note1) When mounted (on 70 mm × 70 mm, 1.6 mm thick, glass epoxy on single-layer substrate).
Reduce to 5.40 mW/
°C when Ta = 25°C or above.
●Operating Conditions(Ta=25
°C)
Parameter
Symbol
Rating
Unit
Conditions
Power supply voltage range 1
VCC
8.9~26.0
V
VCC pin voltage
Power supply voltage range 2
VH
80 ~600
V
VH pin voltage
●Electrical Characteristics (Unless otherwise noted, Ta = 25
°C, VCC = 15 V)
Parameter
Symbol
Specifications
Unit
Conditions
Minimum
Standard
Maximum
[Circuit current]
Circuit current (ON) 1
I
ON1
-
600
850
µA
FB=2.0V
(during pulse operation)
Circuit current (ON) 2
I
ON2
-
350
450
µA
FB=0.0V
(during burst operation)
[VCC protection function]
VCC UVLO voltage 1
V
UVLO1
12.50
13.50
14.50
V
VCC rise
VCC UVLO voltage 2
V
UVLO2
7.50
8.20
8.90
V
VCC drop
BM1P061FJ/BM1P101FJ
VCC UVLO hysteresis
V
UVLO3
-
5.30
-
V
V
UVLO3
= VUVLO1- VUVLO2
VCC Recharge start voltage
V
CHG1
7.70
8.70
9.70
V
Start up circuit operation
voltage
VCC Recharge stop voltage
V
CHG2
12.00
13.00
14.00
V
The stop voltage from V
CHG1
VCC OVP voltage 1
V
OVP1
26.0
27.5
29.0
V
VCC rise
VCC OVP voltage 2
V
OVP2
23.5
V
VCC drop
BM1P061FJ/BM1P101FJ
VCC OVP hysteresis
V
OVP3
-
4.00
-
V
BM1P061FJ/BM1P101FJ
[OUT pin]
OUT Pin High voltage
V
OUTH
10.5
12.5
14.5
V
IO=-20mA
OUT Pin Low voltage
V
OUTL
-
-
1.00
V
IO=+20mA
OUT Pin pull down resistance
R
PDOUT
75
100
125
kΩ
[ ACMONI Detector ]
ACMONI detect voltage1
V
ACMONI1
0.92
1.00
1.08
V
ACMONI rise
ACMONI detect voltage2
V
ACMONI2
0.63
0.70
0.77
V
ACMONI drop
ACMONI hysteresis
V
ACMONI3
0.20
0.30
0.40
V
ACMONI Timer
T
ACMONI1
180
256
330
mS
[Start circuit block ]
Start current 1
I
START1
0.400
0.700
1.000
mA
VCC= 0V
Start current 2
I
START2
1.000
3.000
5.000
mA
VCC=10V
OFF current
I
START3
-
10
20
uA
Inflow current from Drain pin
after UVLO released UVLO
Start current changing voltage
V
SC
0.400
0.800
1.400
V


Similar Part No. - BM1P061FJ-E

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P061FJ-E2 ROHM-BM1P061FJ-E2 Datasheet
1Mb / 23P
   PWM Control type DC/DC converter IC
BM1P061FJ-E2 ROHM-BM1P061FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P061FJ-E2 ROHM-BM1P061FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P061FJ-E2 ROHM-BM1P061FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P061FJ-E2 ROHM-BM1P061FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
More results

Similar Description - BM1P061FJ-E

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P061FJ ROHM-BM1P061FJ_15 Datasheet
1Mb / 23P
   PWM Control type DC/DC converter IC
BM2P052F ROHM-BM2P052F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC
BM2P053F ROHM-BM2P053F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM2P054F ROHM-BM2P054F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BD7672BG ROHM-BD7672BG Datasheet
956Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7673AG ROHM-BD7673AG Datasheet
969Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
logo
New Japan Radio
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
NJM2392 NJRC-NJM2392 Datasheet
150Kb / 9P
   PWM DC/DC Converter IC
logo
NEC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
   DC-DC CONVERTER CONTROL IC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
   DC-DC CONVERTER CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com