Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1P101FJ-E2 Datasheet(PDF) 6 Page - Rohm

Part # BM1P101FJ-E2
Description  PWM Control type DC/DC converter IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P101FJ-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BM1P101FJ-E2 Datasheet HTML 2Page - Rohm BM1P101FJ-E2 Datasheet HTML 3Page - Rohm BM1P101FJ-E2 Datasheet HTML 4Page - Rohm BM1P101FJ-E2 Datasheet HTML 5Page - Rohm BM1P101FJ-E2 Datasheet HTML 6Page - Rohm BM1P101FJ-E2 Datasheet HTML 7Page - Rohm BM1P101FJ-E2 Datasheet HTML 8Page - Rohm BM1P101FJ-E2 Datasheet HTML 9Page - Rohm BM1P101FJ-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6/18
Datasheet
Datasheet
BM1P061FJ / BM1P062FJ / BM1P101FJ / BM1P102FJ
TSZ02201-0F2F0A200090-1-2
22.NOV.2012.Rev.003
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
●Description of Blocks
( 1 ) Start circuit (VH Pin : 8pin)
This IC built in the Start up circuit (tolerates 650V). It enables to be low standby mode electricity and high speed starting.
After starting, consumption power is idling current I
START3(typ=10uA) only.
Reference values of Starting time are shown in Figure-6. When Cvcc=10uF it can start less than 0.1 sec.
Figure 4. Block diagram of start up circuit
Figure 5. Start current vs VCC voltage
Figure 6. Start time( reference value)
* Start up current flows from the DRAIN pin
ex) Consumption power of start up circuit only when the Vac=100V
PVH=100V*√2*10uA=1.41mW
ex) Consumption power of start up circuit only when the Vac=240V
PVH=240V*√2*10uA=3.38mW
0.0 
0.1 
0.2 
0.3 
0.4 
0.5 
0.6 
0.7 
0.8 
0.9 
1.0 
0
5
10
15
20
25
30
35
40
45
50
Cvcc  [uF]


Similar Part No. - BM1P101FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 23P
   PWM Control type DC/DC converter IC
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
More results

Similar Description - BM1P101FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P061FJ ROHM-BM1P061FJ_15 Datasheet
1Mb / 23P
   PWM Control type DC/DC converter IC
BM2P052F ROHM-BM2P052F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC
BM2P053F ROHM-BM2P053F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM2P054F ROHM-BM2P054F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BD7672BG ROHM-BD7672BG Datasheet
956Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7673AG ROHM-BD7673AG Datasheet
969Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
logo
New Japan Radio
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
NJM2392 NJRC-NJM2392 Datasheet
150Kb / 9P
   PWM DC/DC Converter IC
logo
NEC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
   DC-DC CONVERTER CONTROL IC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
   DC-DC CONVERTER CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com