Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7861 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7861
Description  11-Bit Resolution Simultaneous Sampling A/D Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7861 Datasheet(HTML) 3 Page - Analog Devices

  AD7861 Datasheet HTML 1Page - Analog Devices AD7861 Datasheet HTML 2Page - Analog Devices AD7861 Datasheet HTML 3Page - Analog Devices AD7861 Datasheet HTML 4Page - Analog Devices AD7861 Datasheet HTML 5Page - Analog Devices AD7861 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AD7861
REV. B
–3–
Table I. AD7861 Timing Parameters (TA = –40 C to +85 C and VDD = +5 V unless otherwise noted)
Number
Symbol
AD7861 Timing Requirements
Min
Max
Units
1tsucsb_rdb
CS Low Before Falling Edge of RD
0–
ns
2tsuaddr_rdb
ADDR Valid Before Falling Edge of
RD
0–
ns
3tdlyrdb_data
DATA Valid After Falling Edge of
RD
–25
ns
4tpwlrdb
RD Pulsewidth, Low
25
ns
5tpwhrdb
RD Pulsewidth, High
25
ns
6thdrdb_data
DATA Hold After Rising Edge of
RD
10
ns
7thdrdb_addr
ADDR Hold After Rising Edge of
RD
0–
ns
8thdrdb_csb
CS Hold After Rising Edge of RD
0–
ns
9tperclk
CLK Period
80
160
ns
10
tpwhclk
CLK Pulsewidth, High
20
ns
11
tpwlclk
CLK Pulsewidth, Low
20
ns
12
tpwlresetb
RESET Pulsewidth, Low
2
× tperclk –
ns
7, 8
3
1, 2
CLK
CS
A0–A1
RD
DATA
BUS
6
4
5
Figure 1. Clock and Reset Timing
9
10
11
CLK
12
CLK
RESET
Figure 2. Write Cycle Timing Diagram
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7861 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Model
Temperature Range
Package Option
AD7861AP
–40
°C to +85°C
P-44A
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . –0.3 V to +7.0 V
Digital Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD
Analog Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD
Analog Reference Input Voltage . . . . . . . . . . .
–0.3 V to VDD
Digital Output Voltage Swing . . . . . . . . . . . . . . –0.3 V to VDD
Analog Reference Output Swing . . . . . . . . . . .
–0.3 V to VDD
Operating Temperature . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +280
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - AD7861

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7861 AD-AD7861 Datasheet
128Kb / 7P
   11-Bit Resolution Simultaneous Sampling A/D Converter
AD7861AP AD-AD7861AP Datasheet
128Kb / 7P
   11-Bit Resolution Simultaneous Sampling A/D Converter
AD7861 AD-AD7861_15 Datasheet
98Kb / 6P
   11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
AD7861 AD-AD7861_17 Datasheet
128Kb / 7P
   11-Bit Resolution Simultaneous Sampling A/D Converter
More results

Similar Description - AD7861

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7861 AD-AD7861_15 Datasheet
98Kb / 6P
   11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
AD7861 AD-AD7861_17 Datasheet
128Kb / 7P
   11-Bit Resolution Simultaneous Sampling A/D Converter
logo
List of Unclassifed Man...
TIP830 ETC1-TIP830 Datasheet
78Kb / 1P
   8 Channel 12 (16) bit Simultaneous Sampling A/D
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
logo
Texas Instruments
ADC122S706 TI1-ADC122S706_14 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
ADC122S706 TI1-ADC122S706_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
ADC122S655 TI1-ADC122S655_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
ADC122S625 TI1-ADC122S625_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S625 NSC-ADC122S625 Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC122S706 NSC-ADC122S706 Datasheet
559Kb / 24P
   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com