Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM2P094 Datasheet(PDF) 9 Page - Rohm

Part # BM2P094
Description  PWM type DC/DC converter IC Included 650V MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P094 Datasheet(HTML) 9 Page - Rohm

Back Button BM2P094 Datasheet HTML 5Page - Rohm BM2P094 Datasheet HTML 6Page - Rohm BM2P094 Datasheet HTML 7Page - Rohm BM2P094 Datasheet HTML 8Page - Rohm BM2P094 Datasheet HTML 9Page - Rohm BM2P094 Datasheet HTML 10Page - Rohm BM2P094 Datasheet HTML 11Page - Rohm BM2P094 Datasheet HTML 12Page - Rohm BM2P094 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/16
Datasheet
Datasheet
BM2PXX4 Series
TSZ02201-0F2F0A200070-1-2
28.NOV.2012.Rev.003
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
3-2)VCC Charge function
VCC charge function operates once the VCC pin >V
UVLO1 and the DC/DC operation starts then the VCC pin voltage drops
to <V
CHG1. At that time the VCC pin is charged from DRAIN pin through start circuit.
By this operation, BM2PXX4 doesn’t occur to start failure.
VCC pin voltage is rise, then VCC >V
CHG2, charge is stopped. The operations are shown in figure-10.
VCC
VUVLO1
VUVLO2
VCHG1
Switching
VH charge
charge
charge
OUTPUT
voltage
VCHG2
charge charge
AB C D E
F G H
VH
Figure 9. Charge operation VCC pin charge operation
A:DRAIN pin voltage rises, charge starts to VCC pin by the VCC charge function.
B:VCC > V
UVLO1, VCC UVLO function releases, VCC charge function stops, DC/DC operation starts.
C:When DC/DC operation starts, the VCC voltage drops.
D:VCC < V
CHG1
, VCC recharge function operates.
E:VCC > V
CHG2
, VCC recharge function stops.
F:VCC < V
CHG1, VCC recharge function operates.
G:VCC < V
CHG1
, VCC recharge function stops.
H:After start of output voltage finished, VCC is charged by the auxiliary winding VCC pin stabilizes.


Similar Part No. - BM2P094

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P094 ROHM-BM2P094 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P094F ROHM-BM2P094F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P094F ROHM-BM2P094F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM2P094F-GE2 ROHM-BM2P094F-GE2 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
More results

Similar Description - BM2P094

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P0391 ROHM-BM2P0391 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P053F ROHM-BM2P053F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P054F ROHM-BM2P054F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P011 ROHM-BM2P011 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P012 ROHM-BM2P012 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P039 ROHM-BM2P039 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P051F ROHM-BM2P051F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P074KF-G ROHM-BM2P074KF-G Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 800V MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com