Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPM10V101MTR8X7 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # NPM10V101MTR8X7
Description  Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

NPM10V101MTR8X7 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  NPM10V101MTR8X7 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION NPM10V101MTR8X7 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
NPM Series
( Non Polarity,7mmL 85°C )
FEATURES
 Non polarity series with 7mm height
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
- 40 ~ +85
C
Rated Working Voltage
6.3 ~ 50VDC
Capacitance Tolerance
(120Hz 20
C)
 20%(M)
Leakage Current
(20
C)
I
 0.05CV or 10(uA)
Whichever is greater after 2 minutes
I : Leakage Current (
A)
C : Rated Capacitance(
F)
V : Working Voltage (V)
Surge Voltage
(20
C)
W.V.
6.3
10
16
25
35
50
S.V.
8
13
20
32
44
63
Dissipation Factor ( tan
 )
(120Hz 20
C)
W.V.
6.3
10
16
25
35
50
tan
0.24
0.20
0.17
0.15
0.12
0.12
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
6.3
10
16
25
35
50
-25
C / +20C
4
3
2
2
2
2
-40
C / +20C
10
8
6
4
3
3
Load Life
After 1000 hours application of W.V. and +85
C ripple current value , the capacitor shall meet
the following limits. ( DC + ripple peak voltage
 rated working voltage ) ( The polarity need to
exchange every 250 hours )
Capacitance Change
20% of initial value.
Dissipation Factor
 150% of initial specified value
Leakage Current
 initial specified value
Shelf Life
At +85
C no voltage application after 500 hours the capacitor shall meet the following limits.
( with voltage treatment )
Capacitance Change
20% of initial value.
Dissipation Factor
 200% of initial specified value
Leakage Current
 200% of initial specified value
PART NUMBER SYSTEM
DIMENSIONS (mm)
D
4
5
6.3
8
F
1.5
2.0
2.5
3.5
d
0.45
0.45
0.45
0.5
1.0
1.0
1.0
1.0
NPM 10V 101 M TA 8x7
Meritek Series
Rated Voltage
Rated Capacitance
Express in micro farad(uF), First two digits are
significant figures, Third digit denotes number of
zeros. ‘R’ denotes decimal point for values less
than 10uF
Tolerance
M -
20%
Package
Code
TA
TR
Blank
Tape & Ammo
Tape & Reel
Case size – (D) Diameter x (L) Length in mm (Optional)


Similar Part No. - NPM10V101MTR8X7

ManufacturerPart #DatasheetDescription
logo
Nordic Semiconductor
NPM1100 NORDIC-NPM1100 Datasheet
1Mb / 2P
   Extremely compact Power Management IC (PMIC) with power path and charging
Version 1.1
NPM1100-CAAA-E-R NORDIC-NPM1100-CAAA-E-R Datasheet
1Mb / 2P
   Extremely compact Power Management IC (PMIC) with power path and charging
Version 1.1
NPM1100-CAAA-E-R7 NORDIC-NPM1100-CAAA-E-R7 Datasheet
1Mb / 2P
   Extremely compact Power Management IC (PMIC) with power path and charging
Version 1.1
NPM1100-CAAB-R NORDIC-NPM1100-CAAB-R Datasheet
1Mb / 2P
   Extremely compact Power Management IC (PMIC) with power path and charging
Version 1.1
NPM1100-CAAB-R7 NORDIC-NPM1100-CAAB-R7 Datasheet
1Mb / 2P
   Extremely compact Power Management IC (PMIC) with power path and charging
Version 1.1
More results

Similar Description - NPM10V101MTR8X7

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com