Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTR35KBD0100-H Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MTR35KBD0100-H
Description  Power Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MTR35KBD0100-H Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MTR35KBD0100-H Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MTR35KBD0100-H Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MTR35KBD0100-H Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MTR35KBD0100-H Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MTR35KBD0100-H Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MTR35KBD0100-H Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MTR35KBD0100-H Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MTR35KBD0100-H Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Environmental Characteristics
Item
Requirement
Test Method
Temperature Coefficient of
Resistance (T.C.R.)
As Specified.
Referenced to 25°C,
ΔR taken at +105°C
Short Time Overload
ΔR±0.3%
2 times rated power with applied voltage not to exceed 1.5 times
maximum continuous operating voltage for 5 seconds
Load Life
ΔR±1.0%
2,000 hours at rated power
Damp Heat with Load
ΔR±0.5%
40
±2°C, 90~95% R.H. Max. working voltage for 1000 hrs with 1.5 hrs
“ON” and 0.5 hrs “OFF”
Solderability
90% min. coverage
245±5°C for 3 seconds
Thermal Shock
ΔR±0.3%
-65°C ~150°C, 100 cycles
Terminal Strength
ΔR±0.2%
(Pull Test) 2.4N
Vibration, High Frequency
ΔR±0.2%
20g peak
Lead Material: Tinned Copper
Maximum Torque: 0.9 N-m
Without a Heat Sink, When in Free Air at 25°C, it is rated for 2.25W.
The Case Temperature is to be used for the Definition of the Applied Power Limit.
The Case Temperature Measurement Must be Made with a Thermocouple Contacting the Center of the Component Mounted on the Designed
Heat Sink.
Thermal Grease Should be Applied Properly.
MTR Series
Power Resistors
Rev.7


Similar Part No. - MTR35KBD0100-H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MTR VISHAY-MTR Datasheet
92Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 18-Apr-13
logo
Heyco.
MTR HEYCO-MTR Datasheet
157Kb / 1P
   Unscrewing Snap Rivets
logo
List of Unclassifed Man...
MTR04FTF344 ETC-MTR04FTF344 Datasheet
337Kb / 11P
   Muti-Layer Thermistor
MTR04FTF344B102 ETC-MTR04FTF344B102 Datasheet
337Kb / 11P
   Muti-Layer Thermistor
MTR04FTF344B103 ETC-MTR04FTF344B103 Datasheet
337Kb / 11P
   Muti-Layer Thermistor
More results

Similar Description - MTR35KBD0100-H

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
NPR2-T220 RIEDON-NPR2-T220 Datasheet
371Kb / 3P
   Power Resistors
KHR4-T600 RIEDON-KHR4-T600 Datasheet
349Kb / 2P
   Power Resistors
logo
RFE international
MOR RFE-MOR Datasheet
977Kb / 2P
   Power Resistors
DEC-29-2023
RHA RFE-RHA Datasheet
2Mb / 3P
   Power Resistors
12-11-2020
logo
Riedon Powertron
KPR2-T218 RIEDON-KPR2-T218 Datasheet
310Kb / 2P
   Power Resistors
KHR4-T227-1.0-OHM-5 RIEDON-KHR4-T227-1.0-OHM-5 Datasheet
226Kb / 3P
   Power Resistors
KHN2-T227-20-OHM-5 RIEDON-KHN2-T227-20-OHM-5 Datasheet
226Kb / 3P
   Power Resistors
NPR2-T220 RIEDON-NPR2-T220_13 Datasheet
209Kb / 3P
   Power Resistors
KHR2-T227 RIEDON-KHR2-T227 Datasheet
340Kb / 3P
   Power Resistors
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
   Resistors Power Wire Wound Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com