Selected language     English  Ôľ╝


K-850-650 Datasheet(PDF) 1 Page - Samtec, Inc

Part No. K-850-650
Description  VITA 42 (LEADED) SOCKET ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMTEC [Samtec, Inc]
Homepage  http://www.samtec.com/
Logo 

   
 1 page
background image
USER DIRECTION OF UN-REELING
POCKET NOT DETAILED
OTHER
ASSEMBLY
PACKAGING
PROCESS
TOOLING
COMPONENT
NON STANDARD
X
DO NOT
SCALE FROM
THIS PRINT
.134┬▒.003 3.41┬▒0.08
.104
REF
2.64
.012 0.31
(SEE NOTE 9)
.309┬▒.020 7.85┬▒0.51
.139 3.54
"A"
"A"
ITEM NO.
PART NUMBER
QUANTITY
MATERIAL
1
ASP-103597-01-B
1.0000
UL 94 V0, COLOR: BLACK
2
C-140-03-H
114.00
PHOS BRONZE, 521 HARD TEMPER
3
SDB-030-6337
114.00
63% TIN /37% LEAD
4
K-850-650
1.0000
POLYIMIDE FILM
5
CT-ASP1132MS
1.0000
CONDUCTIVE POLYMER
.145 3.68
REF
.095 2.41
REF
.970
REF
24.64
1.070
REF
27.18
.320 8.13
REF
.354 8.99
.035
REF
0.89
.900┬▒.002 22.86┬▒0.05
((19 POS - 1) X .0500[1.270])
.250 6.35
.017┬▒.010 0.43┬▒0.25
F
E
D
C
B
A
19
01
SECTION "A"-"A"
1
2
3
4
1.732 44.00
REF
.630 16.00
REF
5
PACKAGING VIEW
SCALE 1.5:2
ANY REV MADE TO THIS PRINT MUST HAVE AN UPDATED MKT PRINT
SHEET
OF
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES.
TOLERANCES ARE:
DECIMALS
ANGLES
.XX: .01
2
.XXX: .005
.XXXX: .0020
VITA 42 (LEADED) SOCKET ASSEMBLY
BY:
ASP-103612-01
DWG. NO.
DESCRIPTION:
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
DO NOT SCALE DRAWING
BRYANT
10/22/2002
2
1
SHEET SCALE: 3:1
C:\EnterpriseVault\DWG\MISC\MKTG\ASP-103612-01-MKT.SLDDRW
PLATING:
CONTACT AREA: .000030 GOLD OVER .000050 NICKEL
REMAINDER: .000003 FLASH GOLD OVER .000050 NICKEL
NOTES:
1. USE ASP-103597-01-B BODY FOR NON-STANDARD 19 POSITION.
2.
REPRESENTS A CRITICAL DIMENSION.
3. BURR ALLOWANCE: .0005[0.013] MAX.
4. MINIMUM PUSHOUT FORCE: .5 LB.
5. MAXIMUM ALLOWABLE BOW: .002[0.05] INCH/INCH AFTER ASSEMBLY.
6. CONTACT TO BE FLUSH +/-.002.
7. ONE REEL MINIMUM PLATING REQUIREMENT (85,000 CONTACTS PER REEL).
8. ALL DIMS TO BE SYMMETRICAL ABOUT THE CENTERLINE WITHIN ┬▒.001[0.03].
9. .0025[0.064] MAX VARIATION BETWEEN SOLDERBALLS.
10. REFER TO VISUAL INSPECTION BOARD FOR SOLDERBALL APPEARANCE CHECKS.
11. THE DISTANCE FROM THE CENTER OF ANY SOLDERBALL TO THE
CENTER OF ANY ADJACENT INNER PEG SHALL BE .025┬▒.005[0.64┬▒0.13].
12. PARTS TO BE PACKAGED IN TAPE & REEL. FOR QTY'S LESS THAN 125 PCS, NO
TRAILER OR LEADER WILL BE SUPPLIED.
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail info@SAMTEC.com
code 55322
REVISION M




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl