Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTR100DBE0100-H Datasheet(PDF) 6 Page - MERITEK ELECTRONICS CORPORATION

Part # MTR100DBE0100-H
Description  Power Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MTR100DBE0100-H Datasheet(HTML) 6 Page - MERITEK ELECTRONICS CORPORATION

  MTR100DBE0100-H Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MTR100DBE0100-H Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MTR100DBE0100-H Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MTR100DBE0100-H Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MTR100DBE0100-H Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MTR100DBE0100-H Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MTR100DBE0100-H Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MTR100DBE0100-H Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MTR50
Dimensions
Derating Curve
Electrical Characteristics Specifications
Operating Voltage: 350VMax
Dielectric Strength: 1800VAC
Insulation Resistance: 10G
Ω min.
Working Temperature Range: -65°C to +150°C
Resistance Value < 1
Ω is available
Type
Weight (g)
(1000pcs)
MTR50
1290
Resistance Range
Item
Type
±0.5%
±1%
±5%
±10%
TCR (PPM/
°C)
-
-
0.1
Ω -1Ω
-
>1
Ω -3Ω
±300
-
>3
Ω -10Ω
±100
±200
MTR50
>10
Ω –10KΩ
±50
±100
±200
MTR Series
Power Resistors
0.115 0.135"
(2.92 3.44mm)
0.06 0.08"
(1.52 2.04mm)
0.016 0.024"
(0.40 0.60mm)
0.026 0.034"
(0.66 0.86mm)
0.40 0.42"
(10.15 10.67mm)
0.19 0.21"
(4.82 5.34mm)
0.045 0.055"
(1.14 1.40mm)
Rev.7


Similar Part No. - MTR100DBE0100-H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MTR VISHAY-MTR Datasheet
92Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 18-Apr-13
logo
Heyco.
MTR HEYCO-MTR Datasheet
157Kb / 1P
   Unscrewing Snap Rivets
logo
List of Unclassifed Man...
MTR04FTF344 ETC-MTR04FTF344 Datasheet
337Kb / 11P
   Muti-Layer Thermistor
MTR04FTF344B102 ETC-MTR04FTF344B102 Datasheet
337Kb / 11P
   Muti-Layer Thermistor
MTR04FTF344B103 ETC-MTR04FTF344B103 Datasheet
337Kb / 11P
   Muti-Layer Thermistor
More results

Similar Description - MTR100DBE0100-H

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
NPR2-T220 RIEDON-NPR2-T220 Datasheet
371Kb / 3P
   Power Resistors
KHR4-T600 RIEDON-KHR4-T600 Datasheet
349Kb / 2P
   Power Resistors
logo
RFE international
MOR RFE-MOR Datasheet
977Kb / 2P
   Power Resistors
DEC-29-2023
RHA RFE-RHA Datasheet
2Mb / 3P
   Power Resistors
12-11-2020
logo
Riedon Powertron
KPR2-T218 RIEDON-KPR2-T218 Datasheet
310Kb / 2P
   Power Resistors
KHR4-T227-1.0-OHM-5 RIEDON-KHR4-T227-1.0-OHM-5 Datasheet
226Kb / 3P
   Power Resistors
KHN2-T227-20-OHM-5 RIEDON-KHN2-T227-20-OHM-5 Datasheet
226Kb / 3P
   Power Resistors
NPR2-T220 RIEDON-NPR2-T220_13 Datasheet
209Kb / 3P
   Power Resistors
KHR2-T227 RIEDON-KHR2-T227 Datasheet
340Kb / 3P
   Power Resistors
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
   Resistors Power Wire Wound Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com