Selected language     English  ▼


K-850-650 Datasheet(PDF) 1 Page - Samtec, Inc

Part No. K-850-650
Description  VITA 42 (LEAD FREE) SOCKET ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMTEC [Samtec, Inc]
Homepage  http://www.samtec.com/
Logo 

   
 1 page
background image
DO NOT
SCALE FROM
THIS PRINT
.134±.003 3.41±0.08
.012 0.31
(SEE NOTE 8)
.309 7.85
.139 3.54
.104
REF
2.64
"A"
"A"
.145 3.68
REF
.095 2.41
REF
.9700
REF
24.638
1.0700
REF
27.178
.320
REF
8.13
.354 8.99
.035
REF
0.89
.9000±.0020 22.860±0.051
(19 POS - 1) X .0500[1.270]
.250 6.35
.017±.010 0.43±0.25
.308±.020 7.82±0.51
C1
4
01
19
A
B
C
D
E
F
ITEM NO.
PART NUMBER
QUANTITY
MATERIAL
1
ASP-103597-01-B
1.0000
UL 94 V0, COLOR: BLACK
2
C-226-03-H
114.00
PHOS BRONZE, 521 HARD TEMPER
3
SDB-030-6337
114.00
63% TIN /37% LEAD
4
K-850-650
1.0000
POLYIMIDE FILM
5
CT-ASP1132MS
.00148
CONDUCTIVE POLYMER
SECTION "A"-"A"
1
2
3
SEE NOTE 5
1.732 44.00
REF
.630 16.00
REF
USER DIRECTION OF UN-REELING
POCKET NOT DETAILED
5
C
PACKAGING VIEW
ANY REV MADE TO THIS PRINT MUST HAVE AN UPDATED MKT PRINT
SHEET OF
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES.
TOLERANCES ARE:
DECIMALS
ANGLES
.XX: .01
2
.XXX: .005
.XXXX: .0020
VITA 42 (LEAD FREE) SOCKET ASSEMBLY
BY:
ASP-103612-05
DWG. NO.
DESCRIPTION:
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
DO NOT SCALE DRAWING
B. COOPER 12/08/06
2
1
SHEET SCALE: 3:1
F:\dwg\misc\mktg\ASP-103612-05-MKT.SLDDRW
PLATING:
CONTACT AREA: .000030 GOLD OVER .000050 NICKEL
REMAINDER: .000003 FLASH GOLD OVER .000050 NICKEL
REVISION E
NOTES:
1. ASP-103597-01-B BODY FOR NON-STANDARD 19 POSITION.
2.
REPRESENTS A CRITICAL DIMENSION.
3. BURR ALLOWANCE: .0005[.013] MAX.
4. MINIMUM PUSHOUT FORCE: .5 LB.
5. CONTACT TO BE FLUSH TO ±.002[.05] RECESSED.
6. ONE REEL MINIMUM PLATING REQUIREMENT (85,000 CONTACTS PER REEL).
7. ALL DIMS TO BE SYMMETRICAL ABOUT THE CENTERLINE WITHIN ±.001[.03].
8. .0025[.064] MAX VARIATION BETWEEN SOLDERBALLS.
9. REFER TO VISUAL INSPECTION BOARD FOR SOLDERBALL APPEARANCE CHECKS.
10. THE DISTANCE FROM THE CENTER OF ANY SOLDERBALL TO THE
CENTER OF ANY ADJACENT INNER PEG SHALL BE .025±.005[.64±.13].
11. SOLDER JOINTS TO BE INSPECTED PER IPC SPECIFICATION 12.2.12 (IPC-A-610C).
12. PARTS TO BE PACKAGED IN TAPE & REEL. FOR QTY'S LESS THAN 125 PCS, NO TRAILER
OR LEADER WILL BE SUPPLIED.
13. NOTE DELETED.
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail info@SAMTEC.com
code 55322




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl