Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU1840AMUV-E Datasheet(PDF) 6 Page - Rohm

Part # BU1840AMUV-E
Description  For 2Cell Solar,Synchronous Switch-Mode Charger IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1840AMUV-E Datasheet(HTML) 6 Page - Rohm

Back Button BU1840AMUV-E Datasheet HTML 2Page - Rohm BU1840AMUV-E Datasheet HTML 3Page - Rohm BU1840AMUV-E Datasheet HTML 4Page - Rohm BU1840AMUV-E Datasheet HTML 5Page - Rohm BU1840AMUV-E Datasheet HTML 6Page - Rohm BU1840AMUV-E Datasheet HTML 7Page - Rohm BU1840AMUV-E Datasheet HTML 8Page - Rohm BU1840AMUV-E Datasheet HTML 9Page - Rohm BU1840AMUV-E Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Datasheet
Datasheet
.
6/14
BU1840AMUV
TSZ02201-0Q1Q0AJ00130-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2.AUG.2012 Rev.001
TSZ22111・15・001
www.rohm.com
Register Explanation
Address
Symbol
Name
R/W
D7
D6
D5
D4
D3
D2
D1
D0
INITIAL
データ内容
00h
SFTRST
W
-
-
-
-
-
-
-
SFT
RST
00h
ソフトウェア
リセット制御入力
After initializing this all registers when SFTRST: D0=1 is done in WRITE, the value of this register returns to an initial value, too.
Address
Symbol
Name
R/W
D7
D6
D5
D4
D3
D2
D1
D0
INITIAL
データ内容
01h
ADCDATA
R
ADC
DATA7
ADC
DATA6
ADC
DATA5
ADC
DATA4
ADC
DATA3
ADC
DATA2
ADC
DATA
1
ADC
DATA0
00h
D7-D0:
ADCDATA7-0
8bitADC data(Initial 00h)
Note)When not charging it (V18<1.6V & DET4OUT=HI <full charge>), doesn't return the acknowledge signal.
Bit name
Bit
Function
0
1
SFTRST
D0
RST (All registers are initialized.)
Normal
Reset


Similar Part No. - BU1840AMUV-E

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1840AMUV ROHM-BU1840AMUV Datasheet
710Kb / 17P
   For 2Cell Solar, Synchronous Switch-Mode Charger IC
More results

Similar Description - BU1840AMUV-E

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1840AMUV ROHM-BU1840AMUV Datasheet
710Kb / 17P
   For 2Cell Solar, Synchronous Switch-Mode Charger IC
logo
Anpec Electronics Corop...
APW7262 ANPEC-APW7262 Datasheet
799Kb / 41P
   3MHz Synchronous Switch-Mode Battery Charger
logo
Texas Instruments
BQ24640 TI-BQ24640 Datasheet
703Kb / 25P
[Old version datasheet]   High-Efficiency Synchronous Switch-Mode Super Capacitor Charger
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
logo
SparkFun Electronics
PRT-16835 SPARKFUN-PRT-16835 Datasheet
144Kb / 2P
   Solar Panel Charger - 10W
8??1??0
logo
Toshiba Semiconductor
TC7710AWBG TOSHIBA-TC7710AWBG Datasheet
1Mb / 56P
   IC for Battery Charger
2014-10-01
logo
Shenzhen Huazhimei Semi...
HM4071 HMSEMI-HM4071 Datasheet
710Kb / 11P
   Lithium Ion Battery Charger for Solar-Powered Systems
logo
Shanghai Consonance Ele...
CN3065 CONSONANCE-CN3065 Datasheet
298Kb / 11P
   Lithium Ion Battery Charger for Solar-Powered Systems
CN3063 CONSONANCE-CN3063 Datasheet
148Kb / 11P
   Lithium Ion Battery Charger for Solar-Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com