Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU3087FV-E Datasheet(PDF) 8 Page - Rohm

Part # BU3087FV-E
Description  Built in VCXO,Spread-Spectrum Clock Generator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU3087FV-E Datasheet(HTML) 8 Page - Rohm

Back Button BU3087FV-E Datasheet HTML 4Page - Rohm BU3087FV-E Datasheet HTML 5Page - Rohm BU3087FV-E Datasheet HTML 6Page - Rohm BU3087FV-E Datasheet HTML 7Page - Rohm BU3087FV-E Datasheet HTML 8Page - Rohm BU3087FV-E Datasheet HTML 9Page - Rohm BU3087FV-E Datasheet HTML 10Page - Rohm BU3087FV-E Datasheet HTML 11Page - Rohm BU3087FV-E Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8/23
Datasheet
Datasheet
BU3087FV
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
j
TSZ22111・15・001
TSZ02201-0E3E0J500040-1-2
17.AUG.2012 Rev.001
●Typical Performance Curves
(Spread-Spectrum OFF setting, Output load=15pF)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-20
0
20
40
60
80
AMBIENT TEMPERATURE : Ta[℃]
VDD=3.3V
Figure 16. CLK27M Fall-Time
0.0
0.4
0.8
1.2
1.6
2.0
2.4
3.10
3.20
3.30
3.40
3.50
SUPPLY VOLTAGE : VDD[V]
Figure 13. CLK27M Rise-Time
Ta=25°C
0.0
0.4
0.8
1.2
1.6
2.0
2.4
-20
0
20
40
60
80
AMBIENT TEMPERATURE : Ta[℃]
VDD=3.3V
Figure 14. CLK27M Rise-Time
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
3.10
3.20
3.30
3.40
3.50
SUPPLY VOLTAGE : VDD[V]
Figure 15. CLK27M Fall-Time
Ta=25°C


Similar Part No. - BU3087FV-E

ManufacturerPart #DatasheetDescription
logo
Rohm
BU3087FV ROHM-BU3087FV Datasheet
731Kb / 26P
   Built in VCXO, Spread-Spectrum Clock Generator
More results

Similar Description - BU3087FV-E

ManufacturerPart #DatasheetDescription
logo
Rohm
BU3087FV ROHM-BU3087FV Datasheet
731Kb / 26P
   Built in VCXO, Spread-Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com