Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMOC3061 Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KMOC3061
Description  Zero Crossing Optoisolators TRIAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3061 Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KMOC3061_11 Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3061_11 Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3061_11 Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3061_11 Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3061_11 Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3061_11 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCT
SPECIFICATION
DATE:05/05/2011
NO.60P42003
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KMOC3061
SHEET 2 OF 6
REV.
3
1. OUTSIDE DIMENSION:UNIT (mm)
13.00
o
0.26
13.00
o
5.08
1.2
2.54
0.5
7.62
6.50
XXX
7.30
3061
Date Code
Anode
TOLERANCE : ±0.2mm
2. SCHEMATIC:TOP VIEW
Circuit
Crossing
Zero
4
6
2
3
1
1. Anode
2. Cathode
3. NC
4. Main Terminal
6. Main Terminal


Similar Part No. - KMOC3061_11

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3061H COSMO-KMOC3061H Datasheet
88Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3061H COSMO-KMOC3061H Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3061L COSMO-KMOC3061L Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3061S COSMO-KMOC3061S Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3061S COSMO-KMOC3061S_11 Datasheet
84Kb / 6P
   Zero Crossing Optoisolators TRIAC
More results

Similar Description - KMOC3061_11

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3041S COSMO-KMOC3041S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3042 COSMO-KMOC3042_11 Datasheet
87Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3043S COSMO-KMOC3043S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3051 COSMO-KMOC3051_11 Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3062H COSMO-KMOC3062H Datasheet
88Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3011S COSMO-KMOC3011S Datasheet
76Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3082S COSMO-KMOC3082S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3081S COSMO-KMOC3081S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3041 COSMO-KMOC3041_11 Datasheet
87Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3051H COSMO-KMOC3051H Datasheet
86Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3061S COSMO-KMOC3061S_11 Datasheet
84Kb / 6P
   Zero Crossing Optoisolators TRIAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com