Part Name
         Description
MJE16002

 5.0 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 80 WATTS ( 10 Page)


MOTOROLA
100% 
Zoom Out Zoom In
 
 3 page
background image
MJE16002 MJE16004
3
Motorola Bipolar Power Transistor Device Data
SWITCHING CHARACTERISTICS (continued)
Characteristics
Symbol
Min
Typ
Max
Unit
Inductive Load (Table 2)
MJE16002
Storage Time
(IC = 3.0 Adc,
IB1 = 0.4 Adc,
VBE(off) = 5.0 Vdc,
VCE(pk) = 400 Vdc)
(TJ = 100_C)
tsv
500
1600
ns
Fall Time
(IC = 3.0 Adc,
IB1 = 0.4 Adc,
VBE(off) = 5.0 Vdc,
VCE(pk) = 400 Vdc)
(TJ = 100_C)
tfi
100
200
Crossover Time
(IC = 3.0 Adc,
IB1 = 0.4 Adc,
VBE(off) = 5.0 Vdc,
VCE(pk) = 400 Vdc)
_C)
tc
120
250
Storage Time
IB1 = 0.4 Adc,
VBE(off) = 5.0 Vdc,
VCE(pk) = 400 Vdc)
(TJ = 150_C)
tsv
600
Fall Time
VCE(pk) = 400 Vdc)
(TJ = 150_C)
tfi
120
Crossover Time
_C)
tc
160
Inductive Load (Table 2)
MJE16004
Storage Time
(IC = 3.0 Adc,
IB1 = 0.3 Adc,
VBE(off) = 5.0 Vdc,
VCE(pk) = 400 Vdc)
(TJ = 100_C)
tsv
400
1300
ns
Fall Time
(IC = 3.0 Adc,
IB1 = 0.3 Adc,
VBE(off) = 5.0 Vdc,
VCE(pk) = 400 Vdc)
(TJ = 100_C)
tfi
80
150
Crossover Time
(IC = 3.0 Adc,
IB1 = 0.3 Adc,
VBE(off) = 5.0 Vdc,
VCE(pk) = 400 Vdc)
_C)
tc
90
200
Storage Time
IB1 = 0.3 Adc,
VBE(off) = 5.0 Vdc,
VCE(pk) = 400 Vdc)
(TJ = 150_C)
tsv
450
Fall Time
VCE(pk) = 400 Vdc)
(TJ = 150_C)
tfi
100
Crossover Time
_C)
tc
110
(1) Pulse Test: PW = 300
µs, Duty Cycle v 2%.
*
βf =
IC
IB1
IC, COLLECTOR CURRENT (AMPS)
3.0
2.0
1.0
1.0
IC, COLLECTOR CURRENT (AMPS)
0.05
0.1
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
3.0
0.3
0.7
5.0
10
10
Figure 2. Collector Saturation Region
0.1
IB, BASE CURRENT (AMPS)
0.2
0.3
0.1
60
VCE = 5.0 V
0.5 0.7 1.0
2.0
Figure 3. Collector–Emitter Saturation Region
Figure 4. Base–Emitter Voltage
2.0
0.3
TJ = 25°C
TJ = 100°C
20
0.5
2.0
1.0
0.07
0.03
0.3
0.5
25
°C
– 55
°C
2 A
IC = 1 A
5.0
0.2
1.0
3.0
7.0
3.0
0.1
2.0
10
0.5
0.2
1.0
5.0
0.7
1.5
50
30
7.0
0.5
0.7
0.2
0.05
βf = 10
TJ = 100°C
2.0
0.1
3.0
0.2
5.0
0.5
0.1
2.0
10
0.5
0.2
1.0
5.0
3 A
4 A
5 A
βf = 10
TJ = 25°C
βf = 5
TJ = 25°C
βf = 5
TJ = 25°C
βf = 10
TJ = 100°C
1  2  3  4  5  6  7  8  9  10 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MJ1000920 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ1601015 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ1002060 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS 1 2 3 4 5 MoreMotorola, Inc
BU522B7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS 1 2 3 4 Motorola, Inc
2N371510 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ1002240 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJD47NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJE130021.5 AMPERE NPN SILICON POWER TRANSISTORS 300 AND 400 VOLTS 40 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ1333320 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJE2360T0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS 1 2 3 4 Motorola, Inc

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl