Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB12A Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # P6SMB12A
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

P6SMB12A Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  P6SMB12A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION P6SMB12A Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION P6SMB12A Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION P6SMB12A Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Transient Voltage Suppressors
P6SMB Series
MERITEK
P6SMB30A
P6SMB30CA
30A 30C
25.60
28.50
31.50
1
C
41.4
14.7
1
P6SMB33A
P6SMB33CA
33A 33C
28.20
31.40
34.70
1
45.7
13.3
1
P6SMB36A
P6SMB36CA
36A 36C
30.80
34.20
37.80
1
49.9
12.2
1
P6SMB39A
P6SMB39CA
39A 39C
33.30
37.10
41.00
1
53.9
11.3
1
P6SMB43A
P6SMB43CA
43A 43C
36.80
40.90
45.20
1
59.3
10.3
1
P6SMB47A
P6SMB47CA
47A 47C
40.20
44.70
49.40
1
64.8
9.4
1
P6SMB51A
P6SMB51CA
51A 51C
43.60
48.50
53.60
1
70.1
8.7
1
P6SMB56A
P6SMB56CA
56A 56C
47.80
53.20
58.80
1
77.0
7.9
1
P6SMB62A
P6SMB62CA
62A 62C
53.00
58.90
65.10
1
85.0
7.2
1
P6SMB68A
P6SMB68CA
68A 68C
58.10
64.60
71.40
1
92.0
6.6
1
P6SMB75A
P6SMB75CA
75A 75C
64.10
71.30
78.80
1
103.0
5.9
1
P6SMB82A
P6SMB82CA
82A 82C
70.10
77.90
86.10
1
113.0
5.4
1
P6SMB91A
P6SMB91CA
91A 91C
77.80
86.50
95.50
1
125.0
4.9
1
P6SMB100A P6SMB100CA 100A 100C 85.50
95.00
105.00
1
137.0
4.5
1
P6SMB110A P6SMB110CA 110A 110C 94.00
105.00
116.00
1
152.0
4.0
1
P6SMB120A P6SMB120CA 120A 120C 102.00
114.00
126.00
1
165.0
3.7
1
P6SMB130A P6SMB130CA 130A 130C 111.00
124.00
137.00
1
179.0
3.4
1
P6SMB150A P6SMB150CA 150A 150C 128.00
143.00
158.00
1
207.0
2.9
1
P6SMB160A P6SMB160CA 160A 160C 136.00
152.00
168.00
1
219.0
2.8
1
P6SMB170A P6SMB170CA 170A 170C 145.00
162.00
179.00
1
234.0
2.6
1
P6SMB180A P6SMB180CA 180A 180C 154.00
171.00
189.00
1
246.0
2.5
1
P6SMB200A P6SMB200CA 200A 200C 171.00
190.00
210.00
1
274.0
2.2
1
P6SMB220A P6SMB220CA 220A 220C 185.00
209.00
231.00
1
328.0
1.9
1
P6SMB250A P6SMB250CA 250A 250C 214.00
237.00
263.00
1
344.0
1.8
1
P6SMB300A P6SMB300CA 300A 300C 256.00
285.00
315.00
1
414.0
1.5
1
P6SMB350A P6SMB350CA 350A 350C 300.00
332.00
368.00
1
482.0
1.3
1
P6SMB400A P6SMB400CA 400A 400C 342.00
380.00
420.00
1
548.0
1.1
1
P6SMB440A P6SMB440CA 440A 440C 376.00
418.00
462.00
1
602.0
1.0
1
P6SMB480A P6SMB480CA 480A 480C 408.00
456.00
504.00
1
658.0
0.9
1
P6SMB510A P6SMB510CA 510A 510C 434.00
485.00
535.00
1
698.0
0.9
1
P6SMB530A P6SMB530CA 530A 530C 477.00
503.50
556.50
1
725.0
0.8
1
P6SMB540A P6SMB540CA 540A 540C 486.00
513.00
567.00
1
740.0
0.8
1
P6SMB550A P6SMB550CA 550A 550C 495.00
522.50
577.50
1
760.0
0.8
1
3DUW 1XPEHU
'HYLFH
0DUNLQJ
&RGH
5HYHUVH
6WDQG2II
9ROWDJH
%UHDNGRZQ
9ROWDJH
#,7
%UHDNGRZQ
9ROWDJH
#,7
7HVW
&XUUHQW
0D[LPXP
&ODPSLQJ
9ROWDJH
#,33
3HDN
3XOVH
&XUUHQW
5HYHUVH
/HDNDJH
#95:0
81,32/$5
%,32/$5
81,
%,
95:0 9
9%5 0,1 9
9%5 0$; 9 ,7 P$
9& 9
,33 $
,5 —$
Note: For Bidirectional type having VRWM of 10 volts and less,the IR limit doubles.
3
Rev 7


Similar Part No. - P6SMB12A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6SMB12A VISHAY-P6SMB12A Datasheet
109Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
logo
Central Semiconductor C...
P6SMB12A CENTRAL-P6SMB12A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Littelfuse
P6SMB12A LITTELFUSE-P6SMB12A Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
P6SMB12A LUGUANG-P6SMB12A Datasheet
1Mb / 3P
   Transient Voltage Suppressors
logo
Vishay Siliconix
P6SMB12A VISHAY-P6SMB12A Datasheet
96Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - P6SMB12A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com