Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBM Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # RBM
Description  Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RBM Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  RBM Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RBM Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
RBM Series
(Standard, Miniature Sized)
DIMENSIONS (mm)
D
5
6.3
8
10
12.5
16
18
F
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
1.5
1.5
1.5
1.5
1.5
1.5
1.5
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
6.3
10
16
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
100
5x11
180
220
5x11
230
5x11
250
6.3x11
300
330
6.3x11
310
6.3x11
340
8x11.5
440
470
6.3x11
370
6.3x11
410
8x11.5
520
1000
8x11.5
640
10x12.5
740
10x16
890
2200
10x20
1170
10x20
1280
12.5x20
1470
3300
10x20
1390
12.5x20
1600
12.5x25
1880
4700
12.5x20
1680
12.5x25
1980
16x25
2110
6800
12.5x25
2090
16x25
2240
16x31.5
2600
10000
16x25
2330
16x35.5
2860
18x35.5
3180
15000
16x35.5
2990
18x35.5
3320
22000
18x40
3620
All blank voltage on sleeve marking is the same voltage as “” point to.
Cap.
(uF)
V
25
35
50
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
22
5x11
100
5x11
110
33
5x11
120
5x11
130
47
5x11
150
6.3x11
180
100
6.3x11
220
6.3x11
240
8x11.5
300
220
8x11.5
380
8x11.5
420
10x12.5
470
330
8x11.5
460
10x12.5
550
10x16
630
470
10x12.5
580
10x16
720
10x20
830
1000
10x20
1040
12.5x20
1240
12.5x25
1430
2200
12.5x25
1710
16x25
1890
16x35.5
2290
3300
16x25
1990
16x35.5
2530
18x35.5
2790
4700
16x31.5
2440
18x35.5
2960
6800
18x35.5
3040
Cap.
(uF)
V
63
100
Item
DxL
R.C.
DxL
R.C.
10
5x11
75
6.3x11
95
22
5x11
110
6.3x11
140
33
6.3x11
150
8x11.5
200
47
6.3x11
180
10x12.5
250
100
10x12.5
330
10x20
450
220
10x16
540
12.5x25
790
330
10x20
730
12.5x25
960
470
12.5x20
930
16x25
1160
1000
16x25
1510
18x40
2220
Case size
: DxL
(mm)
Max. ripple current
: mA(rms)
85
C 120Hz


Similar Part No. - RBM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RBM RECOM-RBM Datasheet
107Kb / 3P
   ECONOLINE - DC/DC - CONVERTER
RBM-0505 RECOM-RBM-0505 Datasheet
102Kb / 2P
   ECONOLINE - DC/DC-CONVERTER
RBM-0505D RECOM-RBM-0505D Datasheet
102Kb / 2P
   ECONOLINE - DC/DC-CONVERTER
RBM-0505D RECOM-RBM-0505D Datasheet
104Kb / 3P
   1 Watt SIP 6 Micro Size, Single & Dual Output
RBM-0505DP RECOM-RBM-0505DP Datasheet
104Kb / 3P
   1 Watt SIP 6 Micro Size, Single & Dual Output
More results

Similar Description - RBM

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com