Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REW Datasheet(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION

Part # REW
Description  Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

REW Datasheet(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION

  REW Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION REW Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION REW Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION REW Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION REW Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
REW Series
(Low Impedance, Miniature Sized)
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
35
50
Item
DxL
IMP
R.C.
DxL
IMP
R.C.
20°C
-10°C
20°C
-10°C
39
5x11
0.320
0.096
210
5x15
0.320
0.959
290
6.3x11
0.320
0.959
280
47
5x11
0.283
0.849
230
5x15
0.283
0.849
310
6.3x11
0.283
0.849
310
56
5x15
0.252
0.757
290
5x15
0.252
0.757
340
6.3x11
0.252
0.757
290
6.3x11
0.252
0.757
340
68
5x15
0.220
0.660
320
6.3x15
0.220
0.660
430
6.3x11
0.220
0.660
320
8x11.5
0.220
0.660
430
82
5x15
0.203
0.608
360
6.3x15
0.203
0.608
470
6.3x11
0.203
0.608
350
8x11.5
0.203
0.608
480
100
6.3x15
0.183
0.549
450
8x15
0.183
0.548
590
8x11.5
0.183
0.549
450
10x12.5
0.183
0.548
620
120
6.3x15
0.109
0.327
490
8x15
0.109
0.327
650
8x11.5
0.109
0.327
500
10x12.5
0.109
0.327
680
150
6.3x15
0.089
0.268
550
8x20
0.089
0.268
820
8x11.5
0.089
0.268
550
10x16
0.089
0.268
840
180
8x15
0.078
0.233
680
8x20
0.078
0.233
900
10x12.5
0.078
0.233
720
10x16
0.078
0.233
920
220
8x15
0.066
0.198
750
8x20
0.066
0.198
1000
10x12.5
0.066
0.198
790
10x16
0.066
0.198
1020
270
8x20
0.060
0.181
950
10x20
0.060
0.181
1250
10x16
0.060
0.181
970
12.5x15
0.060
0.151
1200
330
8x20
0.053
0.159
1050
10x25
0.053
0.159
1530
10x16
0.053
0.159
1080
12.5x18
0.053
0.132
1430
390
10x20
0.048
0.143
1290
10x25
0.048
0.143
1660
12.5x15
0.048
0.119
1240
12.5x18
0.048
0.119
1560
470
10x20
0.043
0.130
1420
12.5x20
0.043
0.108
1790
12.5x15
0.043
0.108
1360
16x15
0.043
0.108
1680
560
10x25
0.038
0.115
1710
12.5x25
0.038
0.096
2150
12.5x18
0.038
0.096
1610
18x15
0.038
0.096
1870
680
10x28
0.034
0.103
1990
12.5x30
0.034
0.086
2580
16x15
0.034
0.086
1730
16x20
0.034
0.086
2260
820
10x30
0.031
0.094
2250
12.5x35
0.031
0.078
2880
16x15
0.031
0.078
1900
16x25
0.031
0.078
2730
1000
12.5x25
0.028
0.070
2480
12.5x40
0.028
0.070
3390
18x15
0.028
0.070
2150
18x20
0.028
0.070
2800
1200
12.5x30
0.024
0.061
2940
16x31.5
0.024
0.061
3660
16x20
0.024
0.061
2590
18x25
0.024
0.061
3370
1500
12.5x35
0.021
0.051
3160
16x35.5
0.021
0.051
4040
16x25
0.021
0.051
3000
18x31.5
0.021
0.051
3890
1800
12.5x40
0.018
0.045
3690
18x20
0.018
0.045
3050
2200
16x31.5
0.016
0.040
3810
18x25
0.016
0.040
3510
All blank voltage on sleeve marking is the same voltage as “
” point to.
Case size
: DxL
(mm)
Max. impedance
: Ω
100kHz
Max. ripple current
: mA(rms)
105
C 100kHz


Similar Description - REW

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com