Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC12N152G502 Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # MSC12N152G502
Description  Safety Chip Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MSC12N152G502 Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  MSC12N152G502 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MSC12N152G502 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MSC12N152G502 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MSC12N152G502 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
X2Y3 Class
SIZE
1808
DIELECTRIC
NPO
RATED VOLTAGE
250Vac
CERTIFICATED
UL
CLASS
X2Y3
3.0pF (3R0)
3.3pF (3R3)
3.9pF (3R9)
4.7pF (4R7)
5.0pF (5R0)
5.6pF (5R6)
6.8pF (6R8)
8.2pF (8R2)
10pF (100)
12pF (120)
15pF (150)
18pF (180)
22pF (220)
27pF (270)
33pF (330)
39pF (390)
47pF (470)
56pF (560)
68pF (680)
82pF (820)
100pF (101)
120pF (121)
130pF (131)
150pF (151)
180pF (181)
220pF (221)
270pF (271)
300pF (301)
330pF (331)
390pF (391)
470pF (471)
560pF (561)
680pF (681)
820pF (821)
1,000pF (102)
1,200pF (122)
1,500pF (152)
1,800pF (182)
2,200pF (222)
2,700pF (272)
3,300pF (332)
3,900pF (392)
4,700pF (472)
1808
1812
X7R
X7R
250Vac
250Vac
UL
UL
X2Y3
X2Y3
MERITEK
Safety Chip Capacitors
MSC Series
(X<2/;Y3)
3
Rev 7
CAPACITANCE RANGE


Similar Part No. - MSC12N152G502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1200 TI-MSC1200 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1200V-01 OKI-MSC1200V-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
More results

Similar Description - MSC12N152G502

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GA342D MURATA1-GA342D Datasheet
205Kb / 1P
   MURATA Safety Rated Ceramic Chip Capacitors
2012
DE1E3KX332MA5BA01 MURATA1-DE1E3KX332MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX392MA5BA01 MURATA1-DE1E3KX392MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1B3KX331KA5B MURATA1-DE1B3KX331KA5B Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1B3KX331KN5A MURATA1-DE1B3KX331KN5A Datasheet
174Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX152MA5BA01 MURATA1-DE1E3KX152MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX222MA5BA01 MURATA1-DE1E3KX222MA5BA01 Datasheet
175Kb / 2P
   Safety Capacitors
09/22/2022
DE1B3KX471KN5A MURATA1-DE1B3KX471KN5A Datasheet
174Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX152MN5AA01 MURATA1-DE1E3KX152MN5AA01 Datasheet
173Kb / 2P
   Safety Capacitors
09/22/2022
DE1E3KX102MN5AA01 MURATA1-DE1E3KX102MN5AA01 Datasheet
173Kb / 2P
   Safety Capacitors
09/22/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com