Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXA034D101FC Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # RXA034D101FC
Description  Thin Film Chip Resistors Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RXA034D101FC Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  RXA034D101FC Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RXA034D101FC Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION RXA034D101FC Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION RXA034D101FC Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feature
Advanced thin film technology
Extremely low TCR down to ± 10PPM / ºC
Very tight tolerance down to ± 0.1%
RoHS compliant component, compatible with lead (Pb)-free
Part Numbering System
RXA
03
4
D
101
B
C
Thin Film Chip Resistor Array
03 (0603)
4 (4 circuits)
Code
D
Terminal Type
Convex
Normal Resistance
3- Digit
E24 Series
EX 10
Ω= 100
4.7
Ω= 4R7
Resistors
4- Digit
E24/E96 Series
EX 10.2
Ω = 10R2
10K
Ω = 1002
Jumper
000
Tolerance
Code
B
C
D
F
Value
± 0.1%
± 0.25%
± 0.5%
± 1%
TCR
Code
C
D
F
G
Value
±10ppm/ºC
± 15ppm/ºC
± 25ppm/ºC
± 50ppm/ºC
Electrical Specifications
Operating Voltage=√(P*R) or Max. operating voltage listed above, whichever is lower.
Overload Voltage=2.5*√(P*R) or Max. overload voltage listed above, whichever is lower.
Resistance Range
Item
Type
Power
Rating
at 70°C
Operating
Temp. Range
Max.
Operating
Voltage
Max.
Overload
Voltage
±0.1%
±0.25%
±0.5%
±1%
TCR
(PPM/°C)
100~33K ohm
±25
±50
RXA03-4D
1/16
-55 ~ +155°C
50V
100V
100~2K ohm
±10
±15
Thin Film Chip
Resistors Array
RXA Series
Rev.7


Similar Part No. - RXA034D101FC

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
RXA1H IVO-RXA1H Datasheet
569Kb / 4P
   Absolute encoders - parallel
RXA1H.2204101 IVO-RXA1H.2204101 Datasheet
569Kb / 4P
   Absolute encoders - parallel
logo
List of Unclassifed Man...
RXA43DRAH-S13 ETC-RXA43DRAH-S13 Datasheet
592Kb / 3P
   STD Bus available in all configurations
RXA43DRAN-S13 ETC-RXA43DRAN-S13 Datasheet
592Kb / 3P
   STD Bus available in all configurations
RXA43DRAS-S13 ETC-RXA43DRAS-S13 Datasheet
592Kb / 3P
   STD Bus available in all configurations
More results

Similar Description - RXA034D101FC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTR NIC-NTR Datasheet
114Kb / 5P
   Thin Film Chip Resistors
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com