Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C10507-11_ETC_KACC1142E07 Datasheet(PDF) 9 Page - Hamamatsu Corporation

Part # C10507-11_ETC_KACC1142E07
Description  C10507-11 series C10751 series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10507-11_ETC_KACC1142E07 Datasheet(HTML) 9 Page - Hamamatsu Corporation

  C10507-11_ETC_KACC1142E07 Datasheet HTML 1Page - Hamamatsu Corporation C10507-11_ETC_KACC1142E07 Datasheet HTML 2Page - Hamamatsu Corporation C10507-11_ETC_KACC1142E07 Datasheet HTML 3Page - Hamamatsu Corporation C10507-11_ETC_KACC1142E07 Datasheet HTML 4Page - Hamamatsu Corporation C10507-11_ETC_KACC1142E07 Datasheet HTML 5Page - Hamamatsu Corporation C10507-11_ETC_KACC1142E07 Datasheet HTML 6Page - Hamamatsu Corporation C10507-11_ETC_KACC1142E07 Datasheet HTML 7Page - Hamamatsu Corporation C10507-11_ETC_KACC1142E07 Datasheet HTML 8Page - Hamamatsu Corporation C10507-11_ETC_KACC1142E07 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MPPC modules
C10507-11 series, C10751 series
Cat. No. KACC1142E07 Sep. 2012 DN
www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Thorshamnsgatan 35 16440 Kista, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1 int. 6, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
China: Hamamatsu Photonics (China) Co., Ltd.: 1201 Tower B, Jiaming Center, No.27 Dongsanhuan Beilu, Chaoyang District, Beijing 100020, China, Telephone: (86) 10-6586-6006, Fax: (86) 10-6586-2866
Product specifications are subject to change without prior notice due to improvements or other reasons. Before assembly into final products, please contact
us for the delivery specification sheet to check the latest information.
Type numbers of products listed in the delivery specification sheets or supplied as samples may have a suffix "(X)" which means preliminary specifications or
a suffix "(Z)" which means developmental specifications.
The product warranty is valid for one year after delivery and is limited to product repair or replacement for defects discovered and reported to us within that
one year period. However, even if within the warranty period we accept absolutely no liability for any loss caused by natural disasters or improper product
use.
Copying or reprinting the contents described in this material in whole or in part is prohibited without our prior permission.
Information described in this material is current as of September, 2012.
9
Lineup of MPPC module
Type no.
Internal MPPC
Spectral
response range
(nm)
Number of
pixels
Pixel size
(μm)
Package
Effective
photosensitive
area
(mm)
Type no.
Room
temperature
type
C10507-11-025U
1600
25 × 25
Metal
1 × 1
S10362-11-025U
320 to 900
C10507-11-050U
400
50 × 50
S10362-11-050U
C10507-11-100U
100
100 × 100
S10362-11-100U
C10507-11-025C
1600
25 × 25
Ceramic
S10362-11-025C
C10507-11-050C
400
50 × 50
S10362-11-050C
C10507-11-100C
100
100 × 100
S10362-11-100C
C10751-01
1600
25 × 25
Metal
S10362-11-025U
C10751-02
400
50 × 50
S10362-11-050U
C10751-03
100
100 × 100
S10362-11-100U
TE-cooled
type
C11208-01
1600
25 × 25
S11028-025
C11208-02
400
50 × 50
S11028-050
C11208-03
100
100 × 100
S11028-100
Note: The last letter of each type number indicates package materials (U: metal, C: ceramic).
C10507-11 series
C10751 series
C11208 series
The C10751 series and C11208 series conform to the European EMC directives (Applied standard:
EN 61326-1 Class B).


Similar Part No. - C10507-11_ETC_KACC1142E07

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10508 HAMAMATSU-C10508 Datasheet
591Kb / 5P
   Variable gain and stable detection even at high gains
C10508-01 HAMAMATSU-C10508-01_15 Datasheet
510Kb / 7P
   Variable gain, stable detection even at high gain
More results

Similar Description - C10507-11_ETC_KACC1142E07

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-11 ROHM-SML-11 Datasheet
110Kb / 3P
   SML-11 Series
logo
Bourns Electronic Solut...
PEC11L BOURNS-PEC11L Datasheet
212Kb / 2P
   PEC11L Series - 11 mm Low Profi le Encoder
logo
Dialight Corporation
021-2900-300 DIALIGHT-021-2900-300 Datasheet
125Kb / 1P
   021 SERIES FOR 11/16" MOUNTING HOLE . LIGHT SHIELD
logo
Aries Electronics, Inc.
18011RC ARIES-18011RC Datasheet
577Kb / 1P
   Series 45000X-11-RC and 65000X-11-RC SOIC & SOJ-to-DIP Adapter RoHS/WEEE-Compliant
logo
Bourns Electronic Solut...
PEC11H BOURNS-PEC11H Datasheet
432Kb / 4P
   PEC11H Series - 11 mm Encoder w/High Detent Force
REV. 07/21
logo
Adels-Contact
127011 ADELS-127011 Datasheet
121Kb / 2P
   1500/11
logo
TRIAD MAGNETICS
RC-11 TRIAD-RC-11 Datasheet
43Kb / 1P
   RC-11
logo
Adels-Contact
128211 ADELS-128211 Datasheet
122Kb / 2P
   2000/11
logo
PHOENIX CONTACT
1833263 PHOENIX-1833263 Datasheet
96Kb / 3P
   MSTB 2,5/11-ST BD:1-11
logo
TE Connectivity Ltd
C-208283 TEC-C-208283 Datasheet
95Kb / 1P
   RECEPTACLE ASSEMBLY, POSTED, REV SEX, SERIES 1, 11-4, CPC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com