Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHB Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # SHB
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SHB Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  SHB Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SHB Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
Rev. 7
 
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SHB Series
(Bi-Polar, 105°C)
FEATURES
 Height : 5.4mm
 Load life : 105°C 1000 hours
 SHB series is Bi-Polar type
SPECIFICATIONS
Item
Characteristic
Operation Temperature Range
-55 ~ +105°C
Rated Working Voltage
6.3 ~ 50VDC
Capacitance Tolerance
(120Hz 20°C)
±20%(M)
Leakage Current
(20°C)
I ≤0.05CV or 10 ( µA )
*Whichever is greater after 2 minutes
I: Leakage Current ( µA)
C: Rated Capacitance ( µF)
V: Working Voltage (V)
Surge Voltage
(20°C)
W.V.
6.3
10
16
25
35
50
S.V.
8
13
20
32
44
63
Dissipation Factor (tan δ)
(120Hz 20°C)
W.V.
6.3
10
16
25
35
50
tan δ
0.26
0.22
0.20
0.20
0.20
0.18
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
6.3
10
16
25
35
50
-25°C / +20°C
4
3
2
2
2
2
-40°C / +20°C
8
6
4
4
3
3
Load Life
After 1000 hours application of W.V. and +105°C ripple current value, the capacitor shall meet
the following limits. (DC + ripple peak voltage ≤ rate working voltage)
(The polarity need to exchange every 250 hours)
Capacitance Change
≤ ±25% of initial value
Dissipation Factor
≤ 200% of initial specified value
Leakage current
≤ initial specified value
Shelf Life
At +105°C, no voltage application after 500 hours, the capacitor shall meet the limits for load life
characteristics. (With voltage treatment)
Resistance to Soldering Heat
Capacitors placed on a 250°C hot plate for 30 seconds with their electrode terminals facing
downward will fulfill the following conditions after being cooled to room temperature.
Capacitance Change
≤ ±10% of initial value
Dissipation Factor
≤ initial specified value
Leakage current
≤ initial specified value
PART NUMBERING SYSTEM
SHB
50V
470
M
F 054
Meritek Series
Voltage
Capacitance
Capacitance expressed in microfarads (μF).
First two digits are significant figures.
Third digit denotes number of zeros.
'R' denotes decimal point for values less than 10 μF
Tolerance
M=±20%
Case Diameter Code
Case Height (mm)
The third digit denotes the first decimal place
For example, 054 = 5.4mm
Case Diameter Code
Φ D
D
Φ 4.0
E
Φ 5.0
F
Φ 6.3


Similar Part No. - SHB

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
SHB PREMO-SHB Datasheet
167Kb / 9P
   SMD Power Inductors Shielded
SHB-100M PREMO-SHB-100M Datasheet
167Kb / 9P
   SMD Power Inductors Shielded
SHB-101L PREMO-SHB-101L Datasheet
167Kb / 9P
   SMD Power Inductors Shielded
SHB-102K PREMO-SHB-102K Datasheet
167Kb / 9P
   SMD Power Inductors Shielded
SHB-120M PREMO-SHB-120M Datasheet
167Kb / 9P
   SMD Power Inductors Shielded
More results

Similar Description - SHB

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com